Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-TLM-04 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED-TLM-04
Description  Industrial LED ECO Beacons
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED-TLM-04 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED-TLM-04 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Code No:
Voltage:
Light Source:
Current:
LED-TLM-02
24v Dc ---
18 SMT LEDs
45mA
LED-TLM-04
85-275v Ac ~
18 SMT LEDs
75mA
LED-TLM-AUD-02
24v Dc ---
n/a
55mA
LED-TLM-AUD-04
85-275v Ac ~
n/a
20mA
LED-TLM-BC
Mounting Base and Cap
50/60
-25+55
IP 65
60
Kg
Features
Material
The LED Tower Light Module series is
ideally suited for status indication in
light commercial & industrial signalling
applications where a local signal is
required. These beacons have two
selectable stages of alarm, flashing or
continuous (static) mode, selectable
by a slide switch on the PCB.
The LED TLM ECO range has been
designed predominantly to offer a
cost effective solution against more
traditional incandescent types of
lamps, whether through new plant
and machinery installations or existing
facility upgrades.
The design is modular and is easily
assembled. Colour modules are supplied
with quick fix termination that simply
push into male terminal in the module
below to make a connection. Customer
connections are into the base unit only.
Audible modules are also available.
The two ECO sounders units (Dc or
Ac) offer up to 100dB and are either
continuous or pulsed tone and rated at
IP54. An additional high output sounder
unit offers up to a 120dB and is either
continuous or pulsed tone and is rated
at IP65. Data sheets available.
Industrial LED ECO Beacons >
LED-TLM Series
Product overview
LED-TLM Series > Ordering Information
UV Stable Polycarbonate Lens
UV Stable ABS Plastic Base
Hz
o
C
FPM
APPROVALS and
CONFORMITIES
• Continuously rated
• LED long life
• Low current consumption
• Suitable for surface mounting
• 360o light output around
the vertical axis
• Dustproof and Weatherproof
dB
INDUSTRIAL
01 02 03 04 05
ADD THE FOLLOWING LENS CODES TO THE PRODUCT WHEN ORDERING
0.70 (LightModule)
0.12 (Base & Cap)
100
Dc
100/120 Ac
Control
Termination
Base
Termination
LED
Module
Base & Cap
Module
Ø70mm
Ø100mm
4 holes Ø5.5mm
equi-spaced on
Ø88mm pcb
(GND)
(R)
(Y)
(G)
(B)
(W)
CABLE ENTRY
Ø12mm
(W)
(R)
(Y)
(G)
(B)
(GND)
L or +
(POWER)
N or -
Ø70mm
Visual Signals - Industrial
LED ECO BEACONS
Ø70mm
Ø100mm
4 holes Ø5.5mm
equi-spaced on
Ø88mm pcb
(GND)
(R)
(Y)
(G)
(B)
(W)
CABLE ENTRY
Ø12mm
(W)
(R)
(Y)
(G)
(B)
(GND)
L or +
(POWER)
N or -
Ø70mm
Ø70mm
Ø100mm
4 holes Ø5.5mm
equi-spaced on
Ø88mm pcb
(GND)
(R)
(Y)
(G)
(B)
(W)
CABLE ENTRY
Ø12mm
(W)
(R)
(Y)
(G)
(B)
(GND)
L or +
(POWER)
N or -
Ø70mm
Ø70mm
Ø100mm
4 holes Ø5.5mm
equi-spaced on
Ø88mm pcb
(GND)
(R)
(Y)
(G)
(B)
(W)
CABLE ENTRY
Ø12mm
(W)
(R)
(Y)
(G)
(B)
(GND)
L or +
(POWER)
N or -
Ø70mm


Similar Part No. - LED-TLM-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-TLM-AUD-02 ETC2-LED-TLM-AUD-02 Datasheet
1Mb / 1P
Industrial LED-TLM Eco Tower Light
LED-TLM-AUD-04 ETC2-LED-TLM-AUD-04 Datasheet
1Mb / 1P
Industrial LED-TLM Eco Tower Light
LED-TLM-AUD120-04 ETC2-LED-TLM-AUD120-04 Datasheet
1Mb / 1P
Industrial LED-TLM Eco Tower Light
More results

Similar Description - LED-TLM-04

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
List of Unclassifed Man...
51A-G1 ETC2-51A-G1 Datasheet
556Kb / 2P
Beacons with Horn Flashing Incandescent
LEDS100-01 ETC2-LEDS100-01 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
LED-TLM-AUD-02 ETC2-LED-TLM-AUD-02 Datasheet
1Mb / 1P
Industrial LED-TLM Eco Tower Light
logo
WAGO Kontakttechnik Gmb...
852-112 WAGO-852-112 Datasheet
415Kb / 7P
Industrial-ECO-Switch; 8-port 100Base-TX; black
852-111 WAGO-852-111 Datasheet
590Kb / 7P
Industrial-ECO-Switch; 5-port 100Base-TX; black
852-1411 WAGO-852-1411 Datasheet
351Kb / 7P
Industrial-ECO-Switch; 5-port 1000Base-T; Extended temperature range
852-1112 WAGO-852-1112 Datasheet
738Kb / 8P
Industrial-ECO-Switch; 8-Port 1000BASE-T; black
852-1111 WAGO-852-1111 Datasheet
598Kb / 7P
Industrial-ECO-Switch; 5-port 1000Base-T; black
852-1411-000-001 WAGO-852-1411-000-001 Datasheet
494Kb / 6P
Industrial-ECO-Switch; 5-port 1000Base-T; 4 * Power over Ethernet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com