Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC175D Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC175D
Description  Quad D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC175D Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC175D Datasheet HTML 1Page - National Semiconductor (TI) 54AC175D Datasheet HTML 2Page - National Semiconductor (TI) 54AC175D Datasheet HTML 3Page - National Semiconductor (TI) 54AC175D Datasheet HTML 4Page - National Semiconductor (TI) 54AC175D Datasheet HTML 5Page - National Semiconductor (TI) 54AC175D Datasheet HTML 6Page - National Semiconductor (TI) 54AC175D Datasheet HTML 7Page - National Semiconductor (TI) 54AC175D Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54AC175
• 54ACT175
Quad D Flip-Flop
General Description
The ’AC/’ACT175 is a high-speed quad D flip-flop. The de-
vice is useful for general flip-flop requirements where clock
and clear inputs are common. The information on the D in-
puts is stored during the LOW-to-HIGH clock transition. Both
true and complemented outputs of each flip-flop are pro-
vided. A Master Reset input resets all flip-flops, independent
of the Clock or D inputs, when LOW.
Features
n Edge-triggered D-type inputs
n Buffered positive edge-triggered clock
n Asynchronous common reset
n True and complement output
n Outputs source/sink 24 mA
n ’ACT175 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD)
— ’AC175: 5962-89552
— ’ACT175: 5962-89693
Logic Symbols
Pin Names
Description
D
0–D3
Data Inputs
CP
Clock Pulse Input
MR
Master Reset Input
Q
0–Q3
True Outputs
Q
0–Q3
Complement Outputs
Connection Diagrams
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100278-1
IEEE/IEC
DS100278-2
Pin Assignment
for DIP and Flatpak
DS100278-3
Pin Assignment for LCC
DS100278-4
August 1998
© 1998 National Semiconductor Corporation
DS100278
www.national.com


Similar Part No. - 54AC175D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC175 TI1-54AC175 Datasheet
141Kb / 8P
Quad D Flip-Flop
More results

Similar Description - 54AC175D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
QUAD D FLIP-FLOP
logo
National Semiconductor ...
MM54C175 NSC-MM54C175 Datasheet
114Kb / 6P
Quad D Flip-Flop
logo
NXP Semiconductors
74ALS175 PHILIPS-74ALS175 Datasheet
99Kb / 8P
Quad D flip-flop
1991 Feb 08
74F175A PHILIPS-74F175A Datasheet
82Kb / 10P
Quad D flip-flop
1996 Mar 12
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
Quad D-Type Flip-Flop
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
Quad D-Type Flip-Flop
logo
Texas Instruments
54ACT175 TI1-54ACT175 Datasheet
141Kb / 8P
Quad D Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
Quad D-type flip-flop
Rev. 10 - 29 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com