Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC191D Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC191D
Description  Up/Down Counter with Preset and Ripple Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC191D Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54AC191D Datasheet HTML 1Page - National Semiconductor (TI) 54AC191D Datasheet HTML 2Page - National Semiconductor (TI) 54AC191D Datasheet HTML 3Page - National Semiconductor (TI) 54AC191D Datasheet HTML 4Page - National Semiconductor (TI) 54AC191D Datasheet HTML 5Page - National Semiconductor (TI) 54AC191D Datasheet HTML 6Page - National Semiconductor (TI) 54AC191D Datasheet HTML 7Page - National Semiconductor (TI) 54AC191D Datasheet HTML 8Page - National Semiconductor (TI) 54AC191D Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Functional Description
The ’AC191 is a synchronous up/down counter. The ’AC191
is organized as a 4-bit binary counter. It contains four
edge-triggered flip-flops with internal gating and steering
logic to provide individual preset, count-up and count-down
operations.
Each circuit has an asynchronous parallel load capability
permitting the counter to be preset to any desired number.
When the Parallel Load (PL) input is LOW, information
present on the Parallel Load inputs (P
0–P3) is loaded into
the counter and appears on the Q outputs. This operation
overrides the counting functions, as indicated in the Mode
Select Table.
A HIGH signal on the CE input inhibits counting. When CE is
LOW, internal state changes are initiated synchronously by
the LOW-to-HIGH transition of the clock input. The direction
of counting is determined by the U/D input signal, as indi-
cated in the Mode Select Table. CE and U/D can be changed
with the clock in either state, provided only that the recom-
mended setup and hold times are observed.
Two types of outputs are provided as overflow/underflow in-
dicators. The terminal count (TC) output is normally LOW. It
goes HIGH when the circuits reach zero in the count down
mode or 15 in the count up mode. The TC output will then re-
main HIGH until a state change occurs, whether by counting
or presetting or until U/D is changed. The TC output should
not be used as a clock signal because it is subject to decod-
ing spikes.
The TC signal is also used internally to enable the Ripple
Clock (RC) output. The RC output is normally HIGH. When
CE is LOW and TC is HIGH, RC output wil go LOW when the
clock next goes LOW and will stay LOW until the clock goes
HIGH again. This feature simplifies the design of multistage
counters, as indicated in
Figure 1 and Figure 2.In Figure 1,
each RC output is used as the clock input for the next higher
stage. This configuration is particularly advantageous when
the clock source has a limited drive capability, since it drives
only the first stage. To prevent counting in all stages it is only
necessary to inhibit the first stage, since a HIGH signal on
CE inhibits the RC output pulse, as indicated in the RC Truth
Table. A disadvantage of this configuration, in some applica-
tions, is the timing skew between state changes in the first
and last stages. This represents the cumulative delay of the
clock as it ripples through the preceding stages.
A method of causing state changes to occur simultaneously
in all stages is shown in
Figure 2. All clock inputs are driven
in parallel and the RC outputs propagate the carry/borrow
signals in ripple fashion. In this configuration the LOW state
duration of the clock must be long enough to allow the
negative-going edge of the carry/borrow signal to ripple
through to the last stage before the clock goes HIGH. There
is no such restriction on the HIGH state duration of the clock,
since the RC output of any device goes HIGH shortly after its
CP input goes HIGH.
The configuration shown in
Figure 3 avoids ripple delays and
their associated restrictions. The CE input for a given stage
is formed by combining the TC signals from all the preceding
stages. Note that in order to inhibit counting an enable signal
must be included in each carry gate. The simple inhibit
scheme of
Figure 1 and Figure 2 doesn’t apply, because the
TC output of a given stage is not affected by its own CE.
Mode Select Table
Inputs
Mode
PL
CE
U/D
CP
HL
L
N
Count Up
HL
H
N
Count Down
L
X
X
X
Preset (Asyn.)
H
H
X
X
No Change (Hold)
RC Truth Table
Inputs
Outputs
PL
CE
TC*
CP
RC
HL
H
JJ
HH
X
X
H
H
XLX
H
L
XXX
H
*TC is generated internally
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
N = LOW-to-HIGH Transition
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com