Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS0528P-2R5L Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS0528P-2R5L
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS0528P-2R5L Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS0528P-2R5L Datasheet HTML 1Page - Frontier Electronics. CSS0528P-2R5L Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS0528P Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(m
Ω)
Rated Current
(A)
CSS0528P-2R5N
2R5
2.5
10
18
2.60
CSS0528P-3R0N
3R0
3.0
10
24
2.40
CSS0528P-4R2N
4R2
4.2
10
31
2.20
CSS0528P-5R3N
5R3
5.3
10
38
1.90
CSS0528P-6R2N
6R2
6.2
10
45
1.80
CSS0528P-8R2N
8R2
8.2
10
53
1.60
CSS0528P-100N
100
10
10
65
1.30
CSS0528P-120N
120
12
10
76
1.20
CSS0528P-150N
150
15
10
103
1.10
CSS0528P-180N
180
18
10
110
1.00
CSS0528P-220N
220
22
10
122
0.90
CSS0528P-270N
270
27
10
175
0.85
CSS0528P-330N
330
33
10
189
0.75
CSS0528P-390N
390
39
10
212
0.70
CSS0528P-470N
470
47
10
250
0.62
CSS0528P-560N
560
56
10
305
0.58
CSS0528P-680N
680
68
10
355
0.52
CSS0528P-820N
820
82
10
463
0.46
CSS0528P-101N
101
100
10
520
0.42
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
k
CSS0528P
5.7
(0.224)
5.7
(0.224)
3.0
(0.118)
8.2
(0.323)
5.5
(0.217)
5.5
(0.217)
2.0
(0.079)
2.15
(0.085)
2.0
(0.079)
6.3
(0.248)
Tol.
±0.3
(0.012)
±0.3
(0.012)
Max.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSS0528P-xxx_, “CSS0528P” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: N: ± 30%, M: ± 20%, L= ± 15%
3. Operating temperature range: -30ºC to +100ºC (Including self-generated heat).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7.
Inductance drop no more than 35% of initial value at rated current, temperature rise ∆t < 40ºC
8. Inductance and Current range: From 2.5µH (2.60A) to 100.0 µH (0.42A).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSS0528P-2R5L

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS0528P-2R5N FRONTIER-CSS0528P-2R5N Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Similar Description - CSS0528P-2R5L

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050P-100L FRONTIER-CSS1050P-100L Datasheet
281Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com