Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS0628P-3R0 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS0628P-3R0
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS0628P-3R0 Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS0628P-3R0 Datasheet HTML 1Page - Frontier Electronics. CSS0628P-3R0 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS0628P Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
Frontier Electronics Corp.®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(mΩ)
Rated Current
(A)
CSS0628P-3R0_
3R0
3.0
10
24
3.00
CSS0628P-3R9_
3R9
3.9
10
27
2.60
CSS0628P-5R0_
5R0
5.0
10
31
2.40
CSS0628P-6R0_
6R0
6.0
10
35
2.25
CSS0628P-7R3_
7R3
7.3
10
54
2.10
CSS0628P-8R6_
8R6
8.6
10
58
1.85
CSS0628P-100_
100
10
10
65
1.70
CSS0628P-120_
120
12
10
70
1.55
CSS0628P-150_
150
15
10
84
1.40
CSS0628P-180_
180
18
10
95
1.32
CSS0628P-220_
220
22
10
128
1.20
CSS0628P-270_
270
27
10
142
1.05
CSS0628P-330_
330
33
10
165
0.97
CSS0628P-390_
390
39
10
210
0.86
CSS0628P-470_
470
47
10
238
0.80
CSS0628P-560_
560
56
10
277
0.73
CSS0628P-680_
680
68
10
304
0.65
CSS0628P-820_
820
82
10
390
0.60
CSS0628P-101_
101
100
10
535
0.54
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
k
CSS0628P
6.7
(0.264)
6.7
(0.264)
3.0
(0.118)
9.5
(0.374)
6.5
(0.256)
6.5
(0.256)
2.0
(0.079)
2.65
(0.104)
2.0
(0.079)
7.3
(0.287)
Tol.
±0.3
(0.012)
±0.3
(0.012)
Max.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSS0628P-xxx_, “CSS0628P” = Series P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: N: ± 30%, M: ± 20%, L= ± 15%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no more than 35% of initial value at rated current, temperature rise ∆t < 40ºC.
8. Inductance and Current range: From 3.0µH (3.00A) to 100.0 µH (0.54A).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.


Similar Part No. - CSS0628P-3R0

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS0628P-3R0 FRONTIER-CSS0628P-3R0 Datasheet
190Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Similar Description - CSS0628P-3R0

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0528P-2R5L FRONTIER-CSS0528P-2R5L Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com