Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54ACT241 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT241
Description  Octal Buffer/Line Driver with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT241 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACT241 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT241 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT241 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT241 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT241 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT241 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT241 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT241 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54AC241
• 54ACT241
Octal Buffer/Line Driver with TRI-STATE® Outputs
General Description
The ’AC/’ACT241 is an octal buffer and line driver designed
to be employed as a memory address driver, clock driver and
bus-oriented transmitter or receiver which provides improved
PC board density.
Features
n ICC and IOZ reduced by 50%
n Non-inverting TRI-STATE outputs drive bus lines or
buffer memory address registers
n Outputs source/sink 24 mA
n ’ACT241 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD)
— ’AC241: 5962-87551
— ’ACT241: 5962-89847
Logic Symbol
Pin
Description
Names
OE
1,
TRI-STATE Output Enable Input
OE
2
TRI-STATE Output Enable Input (Active
HIGH)
I
0–I7
Inputs
O
0–O7
Outputs
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100281-2
Pin Assignment
for DIP and Flatpak
DS100281-1
Pin Assignment
for LCC
DS100281-3
August 1998
© 1998 National Semiconductor Corporation
DS100281
www.national.com


Similar Part No. - 54ACT241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT241 TI1-54ACT241 Datasheet
114Kb / 7P
Octal Buffer/Line Driver with Outputs
54ACT241-N TI1-54ACT241-N Datasheet
114Kb / 7P
Octal Buffer/Line Driver with Outputs
More results

Similar Description - 54ACT241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com