Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC245L Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC245L
Description  Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC245L Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC245L Datasheet HTML 1Page - National Semiconductor (TI) 54AC245L Datasheet HTML 2Page - National Semiconductor (TI) 54AC245L Datasheet HTML 3Page - National Semiconductor (TI) 54AC245L Datasheet HTML 4Page - National Semiconductor (TI) 54AC245L Datasheet HTML 5Page - National Semiconductor (TI) 54AC245L Datasheet HTML 6Page - National Semiconductor (TI) 54AC245L Datasheet HTML 7Page - National Semiconductor (TI) 54AC245L Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54AC245
• 54ACT245
Octal Bidirectional Transceiver with TRI-STATE®
Inputs/Outputs
General Description
The ’AC/’ACT245 contains eight non-inverting bidirectional
buffers with TRI-STATE outputs and is intended for
bus-oriented applications. Current sinking capability is
24 mA at both the A and B ports. The Transmit/Receive (T/R)
input determines the direction of data flow through the bidi-
rectional transceiver. Transmit (active-HIGH) enables data
from A ports to B ports; Receive (active-LOW) enables data
from B ports to A ports. The Output Enable input, when
HIGH, disables both A and B ports by placing them in a HIGH
Z condition.
Features
n ICC and IOZ reduced by 50%
n Noninverting buffers
n Bidirectional data path
n A and B outputs source/sink 24 mA
n ’ACT245 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD)
— ’AC245: 5962-87758
— ’ACT245: 5962-87663
Logic Symbols
Pin
Description
Names
OE
Output Enable Input
T/R
Transmit/Receive Input
A
0–A7
Side A TRI-STATE Inputs or TRI-STATE Outputs
B
0–B7
Side B TRI-STATE Inputs or TRI-STATE Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100283-1
IEEE/IEC
DS100283-2
August 1998
© 1998 National Semiconductor Corporation
DS100283
www.national.com


Similar Part No. - 54AC245L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC245-N TI1-54AC245-N Datasheet
197Kb / 10P
54AC245 54ACT245 Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
More results

Similar Description - 54AC245L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
National Semiconductor ...
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Texas Instruments
54AC245-N TI1-54AC245-N Datasheet
197Kb / 10P
54AC245 54ACT245 Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com