Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25274 Datasheet(PDF) 1 Page - Alpha Wire

Part # 25274
Description  4 Components Cabled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25274 Datasheet(HTML) 1 Page - Alpha Wire

  25274 Datasheet HTML 1Page - Alpha Wire 25274 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE
CUSTOMER PRODUCT SPECIFICATION
Part Number: 25274
Issue:
13
Page 1 of 2 Pages
Issue Date:
12/20/2012
Effective Date:
1/4/2013
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1)
Component 1
4 X 1 PAIR
a)
Conductor
24 (7/32) AWG TC
0.024
b)
Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.044
(1) Color Code
Alpha Wire Color Code B
Pair
Color
Pair
Color
Pair
Color
1
WHITE-BLACK
3
WHITE-RED
2
WHITE-BROWN
4
WHITE-ORANGE
c)
Pair
2/Cond Cabled Together
(1) Twists:
9.6 Twists/foot (min)
2)
Cable Assembly
4 Components Cabled
a)
Twists:
6.0 Twists/foot (min)
b)
Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
3)
Shield:
A/P/A Tape, 25% Overlap, Min.
a)
Drain Wire
24 (7/32) AWG TC
b)
Braid
TC,70% Coverage, Min.
4)
Jacket
0.032" Wall, Nom.,Polyurethane (TPU)
0.271 (0.286 Max.)
a)
Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b)
Ripcord
1 End 810 Denier Nylon
c)
Print
ALPHA WIRE-* P/N 25274
XTRAGUARD(R) 2 RU AWM 20668 VW-1 --- LLXXXXXX CSA
AWM I/II A/B 90C 300 VOLTS FT1
CE
ROHS
(SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
B.
Applicable Specifications
1)
UL
a)
Component 1
AWM/STYLE 10002
105°C / 300 VRMS
b)
Overall
AWM/STYLE 20668
90°C / 300 VRMS
VW-1
2)
CSA International
AWM I/II A/B
90°C / 300 VRMS
FT1
3)
CE:
EU Low Voltage Directive 2006/95/EC
C.
Environmental Compliance
1)
CE:
EU Directive 2011/65/EU(RoHS2):
This product complies with European Directive 2011/65/EU (RoHS Directive) of the
European Parliament and of the Council of 8 June 2011. No Exemptions are
required for RoHS Compliance on this item. Consult Alpha Wire's web site
for RoHS C of C.
2)
REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC) listed on
the European Union's REACH candidate list in excess of 0.1% mass of the item. For
up-to-date information, please see Alpha's REACH SVHC Declaration.
3)
California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
D.
Physical & Mechanical Properties
1)
Temperature Range
-30 to 90°C
2)
Bend Radius
10X Cable Diameter
3)
Pull Tension
36 Lbs, Maximum
4)
Sunlight Resistance
Yes
E.
Electrical Properties
(For Engineering purposes only)
1)
Voltage Rating
300 VRMS
2)
Mutual Capacitance
25 pf/ft @1 kHz, Nominal


Similar Part No. - 25274

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25274 ALPHAWIRE-25274 Datasheet
93Kb / 4P
Customer Specification
1/9/2023
25274 ALPHAWIRE-25274_V01 Datasheet
93Kb / 4P
Customer Specification
1/9/2023
More results

Similar Description - 25274

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25124 ALPHAWIRE-25124 Datasheet
44Kb / 2P
4 Components Cabled
25494 ALPHAWIRE-25494 Datasheet
44Kb / 2P
4 Components Cabled
45104 ALPHAWIRE-45104 Datasheet
66Kb / 2P
4 Components Cabled
45114 ALPHAWIRE-45114 Datasheet
65Kb / 2P
4 Components Cabled
45164 ALPHAWIRE-45164 Datasheet
65Kb / 2P
4 Components Cabled
45194 ALPHAWIRE-45194 Datasheet
65Kb / 2P
4 Components Cabled
45464 ALPHAWIRE-45464 Datasheet
66Kb / 2P
4 Components Cabled
80016 ALPHAWIRE-80016 Datasheet
42Kb / 2P
4 Components Cabled
80034 ALPHAWIRE-80034 Datasheet
42Kb / 2P
4 Components Cabled
80061 ALPHAWIRE-80061 Datasheet
42Kb / 2P
4 Components Cabled
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com