Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIS2DHTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # MIS2DHTR
Description  ultra-low-power high-performance 3-axis accelerometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIS2DHTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MIS2DHTR Datasheet HTML 6Page - STMicroelectronics MIS2DHTR Datasheet HTML 7Page - STMicroelectronics MIS2DHTR Datasheet HTML 8Page - STMicroelectronics MIS2DHTR Datasheet HTML 9Page - STMicroelectronics MIS2DHTR Datasheet HTML 10Page - STMicroelectronics MIS2DHTR Datasheet HTML 11Page - STMicroelectronics MIS2DHTR Datasheet HTML 12Page - STMicroelectronics MIS2DHTR Datasheet HTML 13Page - STMicroelectronics MIS2DHTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Mechanical and electrical specifications
MIS2DH
10/49
DocID027506 Rev 2
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(a)
a. The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71 V to 3.6 V.
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.(1)
Typ.(2)
Max.(1)
Unit
FS
Measurement range(3)
FS bits set to 00
±2.0
g
FS bits set to 01
±4.0
FS bits set to 10
±8.0
FS bits set to 11
±16.0
So
Sensitivity
FS bits set to 00;
Normal mode
3.52
3.91
4.30
mg/digit
FS bits set to 00;
High-resolution mode
0.88
0.98
1.07
FS bits set to 00;
Low-power mode
14.06
15.63
17.19
FS bits set to 01;
Normal mode
7.03
7.81
8.59
mg/digit
FS bits set to 01;
High-resolution mode
1.76
1.95
2.15
FS bits set to 01;
Low-power mode
28.13
31.25
34.38
FS bits set to 10;
Normal mode
14.06
15.63
17.19
mg/digit
FS bits set to 10;
High-resolution mode
3.52
3.91
4.30
FS bits set to 10;
Low-power mode
56.25
62.50
68.75
FS bits set to 11;
Normal mode
42.25
46.95
51.64
mg/digit
FS bits set to 11;
High-resolution mode
10.55
11.72
12.90
FS bits set to 11;
Low-power mode
169.81
188.68
207.55
TCSo
Sensitivity change vs.
temperature
FS bits set to 00
±0.01
%/°C
TyOff
Typical zero-g level
offset accuracy(4)
FS bits set to 00
-90
±40
+90
mg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com