Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # REF200
Description  Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF200 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF200 Datasheet HTML 8Page - Texas Instruments REF200 Datasheet HTML 9Page - Texas Instruments REF200 Datasheet HTML 10Page - Texas Instruments REF200 Datasheet HTML 11Page - Texas Instruments REF200 Datasheet HTML 12Page - Texas Instruments REF200 Datasheet HTML 13Page - Texas Instruments REF200 Datasheet HTML 14Page - Texas Instruments REF200 Datasheet HTML 15Page - Texas Instruments REF200 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
–V
S
+V
S
100µA
I
OUT
100µA
50µA
4
5
3
In
Out
Com
Mirror
100µA
Bidirectional
Current Source
D
4
D
2
D
D
3
1
D
2
D
1
100µA
100µA
NOTE: All diodes = 1N4148.
Bidirectional
Current Source
(a)
(b)
(c)
(d)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
80
90
100
110
120
130
140
150
RTD Resistance
C001
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
80
100
120
140
160
RTD Resistance (
Ÿ)
Error (0
Ÿ
Error (10
Ÿ
C002
REF200
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
www.ti.com
8.2.3 Application Curves
Figure 16. Measured Error vs RTD Resistance
Figure 15. RTD to Vout Transfer Function
8.3 System Examples
Figure 17. Reverse Voltage Protection
Figure 18. 50-µA Current Source
12
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com