Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1941AIDDCT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # REF1941AIDDCT
Description  Voltage References
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF1941AIDDCT Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF1941AIDDCT Datasheet HTML 17Page - Texas Instruments REF1941AIDDCT Datasheet HTML 18Page - Texas Instruments REF1941AIDDCT Datasheet HTML 19Page - Texas Instruments REF1941AIDDCT Datasheet HTML 20Page - Texas Instruments REF1941AIDDCT Datasheet HTML 21Page - Texas Instruments REF1941AIDDCT Datasheet HTML 22Page - Texas Instruments REF1941AIDDCT Datasheet HTML 23Page - Texas Instruments REF1941AIDDCT Datasheet HTML 24Page - Texas Instruments REF1941AIDDCT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
±800
±600
±400
±200
0
200
400
600
800
±3
±2
±1
0
1
2
3
Load current (mA)
C00
-40°C
0°C
25°C
85°C
125°C
0
0.5
1
1.5
2
2.5
3
-3
-2
-1
0
1
2
3
Load current (mA)
C00
±800
±600
±400
±200
0
200
400
600
800
±3
±2
±1
0
1
2
3
Load current (mA)
C00
-40°C
0°C
25°C
85°C
125°C
REF1925, REF1930, REF1933, REF1941
www.ti.com
SBOS697 – SEPTEMBER 2014
10.2.3 Application Curves
Performing a two-point calibration at 25°C removes the errors associated with offset voltage, gain error, and so
forth. Figure 50 to Figure 52 show the measured error at different conditions. For a more detailed description on
measurement procedure, calibration, and calculations, please refer to TIDU357.
Figure 50. Measured Transfer Function
Figure 51. Uncalibrated Error vs Load Current
Figure 52. Calibrated Error vs Load Current
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: REF1925 REF1930 REF1933 REF1941



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com