Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1941 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF1941
Description  Voltage References
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF1941 Datasheet(HTML) 1 Page - Texas Instruments

  REF1941 Datasheet HTML 1Page - Texas Instruments REF1941 Datasheet HTML 2Page - Texas Instruments REF1941 Datasheet HTML 3Page - Texas Instruments REF1941 Datasheet HTML 4Page - Texas Instruments REF1941 Datasheet HTML 5Page - Texas Instruments REF1941 Datasheet HTML 6Page - Texas Instruments REF1941 Datasheet HTML 7Page - Texas Instruments REF1941 Datasheet HTML 8Page - Texas Instruments REF1941 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
INA213
VIN
REF1930
VREF
3.0 V
VBIAS
1.5 V
EN
ADC
GND
ISENSE
RSHUNT
VIN-
VIN+
REF
VOUT
Power
Supply
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
REF
V
BIAS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
REF1925, REF1930, REF1933, REF1941
SBOS697 – SEPTEMBER 2014
REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
1 Features
3 Description
Applications with only a positive supply voltage often
1
•
Two Outputs, VREF and VREF / 2, for Convenient
require an additional stable voltage in the middle of
Use in Single-Supply Systems
the analog-to-digital converter (ADC) input range to
•
Excellent Temperature Drift Performance:
bias input bipolar signals. The REF19xx provides a
–
25 ppm/°C (max) from –40°C to 125°C
reference voltage (VREF) for the ADC and a second
highly-accurate voltage (VBIAS) that can be used to
•
High Initial Accuracy: ±0.1% (max)
bias the input bipolar signals.
•
VREF and VBIAS Tracking over Temperature:
The
REF19xx
offers
excellent
temperature
drift
–
6 ppm/°C (max) from –40°C to 85°C
(25 ppm/°C, max) and initial accuracy (0.1%) on both
–
7 ppm/°C (max) from –40°C to 125°C
the VREF and VBIAS outputs while operating at a
•
Microsize Package: SOT23-5
quiescent current less than 430 µA. In addition, the
VREF and VBIAS outputs track each other with a
•
Low Dropout Voltage: 10 mV
precision of 6 ppm/°C (max) across the temperature
•
High Output Current: ±20 mA
range of –40°C to 85°C. All these features increase
•
Low Quiescent Current: 360
μA
the precision of the signal chain and decrease board
space, while reducing the cost of the system as
•
Line Regulation: 3 ppm/V
compared to a discrete solution. Extremely low
•
Load Regulation: 8 ppm/mA
dropout voltage of only 10 mV allows operation from
very low input voltages, which can be very useful in
2 Applications
battery-operated systems.
•
Digital Signal Processing:
Both the VREF and VBIAS voltages have the same
–
Power Inverters
excellent specifications and can sink and source
current equally well. Very good long-term stability and
–
Motor Controls
low noise levels make these devices ideally-suited for
•
Current Sensing
high-precision industrial applications.
•
Industrial Process Controls
•
Medical Equipment
Device Information(1)
PART NAME
PACKAGE
BODY SIZE (NOM)
•
Data Acquisition Systems
REF19xx
SOT (5)
2.90 mm × 1.60 mm
•
Single-Supply Systems
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
space
space
Application Example
VREF and VBIAS vs Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF1941

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF1941 TI2-REF1941 Datasheet
2Mb / 35P
REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REVISED JANUARY 2017
REF1941AIDDCR TI2-REF1941AIDDCR Datasheet
2Mb / 35P
REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REVISED JANUARY 2017
REF1941AIDDCR.B TI2-REF1941AIDDCR.B Datasheet
2Mb / 35P
REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REVISED JANUARY 2017
REF1941AIDDCT TI2-REF1941AIDDCT Datasheet
2Mb / 35P
REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REVISED JANUARY 2017
REF1941AIDDCT.B TI2-REF1941AIDDCT.B Datasheet
2Mb / 35P
REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REVISED JANUARY 2017
More results

Similar Description - REF1941

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
VOLTAGE REFERENCES
logo
STMicroelectronics
LM236Z STMICROELECTRONICS-LM236Z Datasheet
417Kb / 9P
2.5V VOLTAGE REFERENCES
Oct-1997
LM236 STMICROELECTRONICS-LM236_07 Datasheet
426Kb / 15P
2.5V voltage references
29-May-2007
logo
Linear Technology
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
Precision Voltage References
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
MICROPOWER VOLTAGE REFERENCES
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
Precision Voltage References
logo
Texas Instruments
REF2025 TI1-REF2025 Datasheet
2Mb / 32P
Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
Micropower Voltage References
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
Precision Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com