Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC257F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC257F
Description  Quad 2-Input Multiplexer with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC257F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC257F Datasheet HTML 1Page - National Semiconductor (TI) 54AC257F Datasheet HTML 2Page - National Semiconductor (TI) 54AC257F Datasheet HTML 3Page - National Semiconductor (TI) 54AC257F Datasheet HTML 4Page - National Semiconductor (TI) 54AC257F Datasheet HTML 5Page - National Semiconductor (TI) 54AC257F Datasheet HTML 6Page - National Semiconductor (TI) 54AC257F Datasheet HTML 7Page - National Semiconductor (TI) 54AC257F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54AC257
• 54ACT257
Quad 2-Input Multiplexer with TRI-STATE® Outputs
General Description
The ’AC/’ACT257 is a quad 2-input multiplexer with
TRI-STATE outputs. Four bits of data from two sources can
be selected using a Common Data Select input. The four
outputs present the selected data in true (noninverted) form.
The outputs may be switched to a high impedance state by
placing a logic HIGH on the common Output Enable (OE) in-
put,
allowing
the
outputs
to
interface
directly
with
bus-oriented systems.
Features
n ICC and IOZ reduced by 50%
n Multiplexer expansion by tying outputs together
n Noninverting TRI-STATE outputs
n Outputs source/sink 24 mA
n ’ACT257 has TTL-compatible inputs
n Standard Military Drawing (SMD)
— ’AC257: 5962-88703
— ’ACT257: 5962-89689
Logic Symbols
Pin Names
Description
S
Common Data Select Input
OE
TRI-STATE Output Enable Input
I
0a–I0d
Data Inputs from Source 0
I
1a–I1d
Data Inputs from Source 1
Z
a–Zd
TRI-STATE Multiplexer Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT™ is a trademark of Fairchild Semiconductor Corporation.
DS100286-1
IEEE/IEC
DS100286-2
July 1998
© 1998 National Semiconductor Corporation
DS100286
www.national.com


Similar Part No. - 54AC257F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
More results

Similar Description - 54AC257F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258ADM NSC-54F258ADM Datasheet
159Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
Quad 2 Input Multiplexer With TRI - STATE Outputs
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
8-Input Multiplexer With TRI-STATE Outputs
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
287Kb / 8P
Quad 2-Input Multiplexer with Three-State Outputs
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
54F258A TI1-54F258A Datasheet
409Kb / 10P
54F258A 74F258A Quad 2-Input Multiplexer with TRI-STATE(RM) Outputs
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC258 TI1-54AC258 Datasheet
188Kb / 10P
Quad 2-Input Multiplexer with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com