Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBC-R91C-0712 Datasheet(PDF) 2 Page - Schurter Inc.

Part # FMBC-R91C-0712
Description  2-stage filter for 3-phase systems with low leakage current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBC-R91C-0712 Datasheet(HTML) 2 Page - Schurter Inc.

  FMBC-R91C-0712 Datasheet HTML 1Page - Schurter Inc. FMBC-R91C-0712 Datasheet HTML 2Page - Schurter Inc. FMBC-R91C-0712 Datasheet HTML 3Page - Schurter Inc. FMBC-R91C-0712 Datasheet HTML 4Page - Schurter Inc. FMBC-R91C-0712 Datasheet HTML 5Page - Schurter Inc. FMBC-R91C-0712 Datasheet HTML 6Page - Schurter Inc. FMBC-R91C-0712 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
3-Phase AC Filters / DC Filters
FMBC LL
www.schurter.com/PG80
EMC Products
Dimension
Case 1U
max. 195
(160)
max. 40
(23)
M5x13; 2-2.5 Nm
6mm ; 1.5-1.8 Nm
2
(190)
0
–2
180
14.5
1)
2)
1) Line
2) Load
Case 1C
max. 235
(200)
max. 45.5
(23)
M5x13; 2-2.5 Nm
(17)
6mm ; 1.5-1.8 Nm
2
0
–2
235
0
–2
220
max. 250
1)
2)
1) Line
2) Load



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com