Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS30 Datasheet(PDF) 2 Page - Schurter Inc.

Part # MCS30
Description  Metal Switch Short Stroke Ring Illuminated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS30 Datasheet(HTML) 2 Page - Schurter Inc.

  MCS30 Datasheet HTML 1Page - Schurter Inc. MCS30 Datasheet HTML 2Page - Schurter Inc. MCS30 Datasheet HTML 3Page - Schurter Inc. MCS30 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Metal Line Switches
MCS 30
www.schurter.com/PG70
Switches
Legend:
A = Illumination Area
B = Actuating Area
C = Width Across Flats
Lettering:
- optional with/without lettering
- location of the wires to the location of the lettering is not defined
Dimension
Front Panel Drilling MCS 30 RI
+0.2
Ø
30
Drilling diagram
Diagrams
For 12 V and 24 V power requirement:
On the connection side the switch has 4 or 5 wires depending on the type
of illumination. The colours of the wire 4 and 5 correspond with the illumi-
nation colours. The wire 3 (black) is the command ground. Cable 1 und 2
(2-times white) are input and output of the switch.
453
12
(+)
(+)
(--)
MCS 30 RI Multicolor
A)
++ +
−
B)
C)
D)
E)
F)
A) Cable 1 (color of the LED), Supply voltage
B) Cable 2 (color of the LED), Supply voltage
C) Cable 3 (color of the LED), Supply voltage
D) Cable 4 (black), Common mass
E) Cable 5/6 (white), Input and output MCS switch
F) Cable 5/6 (white), Input and output MCS switch
Lighting options Multicolor
Lighting type
Active
Active
Active
Resulting
terminal
terminal
terminal
Color
A)
B)
C)
Multicolor Singlecolor
A
Red
Multicolor Singlecolor
B
Green
Multicolor Singlecolor
C
Blue
Multicolor RGB Additive 2
A
B
Yellow
Multicolor RGB Additive 2
A
C
Magenta
Multicolor RGB Additive 2
B
C
Cyan
Multicolor RGB Additive 3
A
B
C
White
Ring Illumination
Operating Data
Forward Current max.
Forward Voltage at 10
mA typ.
Forward Voltage at 10
mA max.
Light Intensity at 20 mA Wavelength Group at
20 mA
LED red
20 mA
2.0 VDC
2.3 VDC
71 - 180 mcd
645
LED green
20 mA
3.3 VDC
4.2 VDC
180 - 224 mcd
523
LED yellow
20 mA
2.0 VDC
2.4 VDC
112 - 280 mcd
591
LED blue
20 mA
3.5 VDC
3.9 VDC
35.5 - 90 mcd
465
LED white
25 mA
3.5 VDC
4.2 VDC
90 - 180 mcd



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com