Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC299J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC299J
Description  8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC299J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC299J Datasheet HTML 1Page - National Semiconductor (TI) 54AC299J Datasheet HTML 2Page - National Semiconductor (TI) 54AC299J Datasheet HTML 3Page - National Semiconductor (TI) 54AC299J Datasheet HTML 4Page - National Semiconductor (TI) 54AC299J Datasheet HTML 5Page - National Semiconductor (TI) 54AC299J Datasheet HTML 6Page - National Semiconductor (TI) 54AC299J Datasheet HTML 7Page - National Semiconductor (TI) 54AC299J Datasheet HTML 8Page - National Semiconductor (TI) 54AC299J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
54AC299
• 54ACT299
8-Input Universal Shift/Storage Register with Common
Parallel I/O Pins
General Description
The ’AC/’ACT299 is an 8-bit universal shift/storage register
with TRI-STATE® outputs. Four modes of operation are pos-
sible: hold (store), shift left, shift right and load data. The par-
allel load inputs and flip-flop outputs are multiplexed to re-
duce the total number of package pins. Additional outputs
are provided for flip-flops Q
0,Q7 to allow easy serial cascad-
ing. A separate active LOW Master Reset is used to reset the
register.
Features
n ICC and IOZ reduced by 50%
n Common parallel I/O for reduced pin count
n Additional serial inputs and outputs for expansion
n Four operating modes: shift left, shift right, load and
store
n TRI-STATE outputs for bus-oriented applications
n Outputs source/sink 24 mA
n ’ACT299 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD)
’AC299: 5962-88754
’ACT299: 5962-88771
Ordering Code:
Logic Symbols
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100252-1
IEEE/IEC
DS100252-4
Pin Assignment
for DIP and Flatpak
DS100252-2
Pin Assignment for LCC
DS100252-3
September 1998
© 1998 National Semiconductor Corporation
DS100252
www.national.com


Similar Part No. - 54AC299J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC20 NSC-54AC20 Datasheet
110Kb / 6P
Dual 4-Input NAND Gate
54AC20D NSC-54AC20D Datasheet
110Kb / 6P
Dual 4-Input NAND Gate
54AC20F NSC-54AC20F Datasheet
110Kb / 6P
Dual 4-Input NAND Gate
54AC20L NSC-54AC20L Datasheet
110Kb / 6P
Dual 4-Input NAND Gate
54AC240 NSC-54AC240 Datasheet
138Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54AC299J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
DM54LS299 NSC-DM54LS299 Datasheet
167Kb / 8P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74AC299 ONSEMI-MC74AC299 Datasheet
257Kb / 11P
8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Intersil Corporation
CD54ACT299 INTERSIL-CD54ACT299 Datasheet
17Kb / 2P
8-Input Universal Shift/Storage Registers with Common Parallel I/O Pins
June 1997
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
8-Input Universal Shift Storage Register with Common Parallel
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com