Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1488 Datasheet(PDF) 13 Page - ams AG

Part # AS1488
Description  Analog Audio Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1488 Datasheet(HTML) 13 Page - ams AG

Back Button AS1488 Datasheet HTML 9Page - ams AG AS1488 Datasheet HTML 10Page - ams AG AS1488 Datasheet HTML 11Page - ams AG AS1488 Datasheet HTML 12Page - ams AG AS1488 Datasheet HTML 13Page - ams AG AS1488 Datasheet HTML 14Page - ams AG AS1488 Datasheet HTML 15Page - ams AG AS1488 Datasheet HTML 16Page - ams AG AS1488 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Product Brief AS3510
Rev. 1v2, June 2004
CONFIDENTIAL
Page 12 of 19
Supply Regulator
PARAMETER
MIN
TYP
MAX
UNIT
POR PERFORMANCE
DVDD_POR_OFF
-
2.15
V
DVDD_POR_ON
2.0
-
V
POR_ON/OFF_HYST
100
mV
LRCK WATCHDOG with DVDD=2.9V
F(LRCK)_WD_OFF
-
4.1
kHz
F(LRCK)_WD_ON
3.91
-
kHz
ON_Delay
50
us
Table 16
Table of Supply Regulator Block Characteristics
Microphone Path
PARAMETER
MIN
TYP
MAX
UNIT
ANALOG PERFORMANCE
Rinp_dif (MICP, MICN)
30
kohm
Gain_MicAmp_0
28
dB
Gain_MicAmp_1
34
dB
Gain_MicAmp_2
40
dB
SoftClip_AGC_Range
15*1.0
dB
Attack_Time
39
us/st
Release_Time
80
ms/st
MIC vin full scale_0 (AVDD=2.9V)
24
mVrms
MIC vin full scale_1 (AVDD=2.9V)
12
mVrms
MIC vin full scale_2 (AVDD=2.9V)
6
mVrms
Decimation Rate
128
ENOB
14
bit
SNR
71
dB
PSRR
tbd
dB
Table 17
Table of Microphone Path Block Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com