Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047P-ATST Datasheet(PDF) 13 Page - ams AG

Part # AS5047P-ATST
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047P-ATST Datasheet(HTML) 13 Page - ams AG

Back Button AS5047P-ATST Datasheet HTML 9Page - ams AG AS5047P-ATST Datasheet HTML 10Page - ams AG AS5047P-ATST Datasheet HTML 11Page - ams AG AS5047P-ATST Datasheet HTML 12Page - ams AG AS5047P-ATST Datasheet HTML 13Page - ams AG AS5047P-ATST Datasheet HTML 14Page - ams AG AS5047P-ATST Datasheet HTML 15Page - ams AG AS5047P-ATST Datasheet HTML 16Page - ams AG AS5047P-ATST Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
ams Datasheet
Page 13
[v1-00] 2014-Oct-31
Document Feedback
AS5047P − Detailed Description
Figure 14 shows the read data frame.
Figure 14:
SPI Read Data Frame
The data is sent on the MISO pin. The parity bit PARD is
calculated by the AS5047P for the 16-bit data frame. If an error
is detected in the previous SPI command frame, the EF bit is set
high. The SPI read is sampled on the rising edge of CSn and the
data is transmitted on MISO with the next read command, as
shown in Figure 15.
Figure 15:
SPI Read
Figure 16:
SPI Write Data Frame
Bit
Name
Description
15
PARD
Parity bit (even) for the data frame
14
EF
0: No command frame error occurred
1: Error occurred
13:0
DATA
Data
Bit
Name
Description
15
PARD
Parity bit (even)
14
0
Always low
13:0
DATA
Data
Read ADD[n]
Read ADD[k]
CSn
Read ADD[p]
Data ADD[n]
Data ADD[p]
Read ADD[m]
Data ADD[k]
Command
Command
Command
Command
Data
Data
Data
MOSI
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com