Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403A Datasheet(PDF) 13 Page - ams AG

Part # AS5403A
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403A Datasheet(HTML) 13 Page - ams AG

Back Button AS5403A Datasheet HTML 9Page - ams AG AS5403A Datasheet HTML 10Page - ams AG AS5403A Datasheet HTML 11Page - ams AG AS5403A Datasheet HTML 12Page - ams AG AS5403A Datasheet HTML 13Page - ams AG AS5403A Datasheet HTML 14Page - ams AG AS5403A Datasheet HTML 15Page - ams AG AS5403A Datasheet HTML 16Page - ams AG AS5403A Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
ams Datasheet
Page 13
[v1-06] 2015-Aug-28
Document Feedback
AS5403A/D/E − Electrical Characteristics
Figure 12:
Output Driver Characteristics DSW
Symbol
Parameter
Min
Typ
Max
Unit
Comments
GENERAL
DSWISCLS
Short circuit output current
(LSD)
510
20
mA
VDSW=+18 V
DSWISCHS
Short circuit output current
(LSD)
-20
-10
-5
mA
VDSW=0V
DSWTSCDET
Short circuit detection time
5
%PWM
DSWTSCRC
Short circuit recovery time
16
PWM
cycles
DSWILEAK
Output leakage
-20
20
μA
BGNDPU
Output voltage broken
GND with pull-up
96
100
%VDD
BGNDPD
Output voltage broken
GND with pull-down
04
%VDD
BVDDPU
Output voltage broken
VDD with pull-up
96
100
%VDD
BVDDPD
Output voltage broken
VDD with pull-down
04
%VDD
DSWVOH
Output voltage high
4.6
V
VDD=5V; IDSW=-5mA
DSWVOL
Output voltage low
0
0.4
V
VDD=5V; IDSW=5mA
DSWSRR
DSW slew rate
(rising edge)
-4
-2
-1
V/μs
Between 25% and 75%;
RPUDSW = 10kΩ;
CLDSW=4.7nF; VDD=5V
(PP with pullup)
DSWSRF
DSW slew rate
(falling edge)
12
4
V/μs
Between 75% and 25%;
RPUDSW = 10kΩ;
CLDSW=4.7nF; VDD=5V
(PP with pullup)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com