Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601-ASOM Datasheet(PDF) 35 Page - ams AG

Part # AS5601-ASOM
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601-ASOM Datasheet(HTML) 35 Page - ams AG

Back Button AS5601-ASOM Datasheet HTML 31Page - ams AG AS5601-ASOM Datasheet HTML 32Page - ams AG AS5601-ASOM Datasheet HTML 33Page - ams AG AS5601-ASOM Datasheet HTML 34Page - ams AG AS5601-ASOM Datasheet HTML 35Page - ams AG AS5601-ASOM Datasheet HTML 36Page - ams AG AS5601-ASOM Datasheet HTML 37Page - ams AG AS5601-ASOM Datasheet HTML 38Page - ams AG AS5601-ASOM Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
ams Datasheet
Page 35
[v1-02] 2014-Oct-29
Document Feedback
AS5601 − Package Drawings & Markings
Figure 37:
SOIC8 Package Outline Drawing
Note(s) and/or Footnote(s):
1. Dimensions & tolerancing confirm to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
Package Drawings & Markings
Symbol
Min
Nom
Max
A-
-
1.75
A1
0.10
-
0.25
A2
1.25
-
-
b
0.31
-
0.51
c
0.17
-
0.25
D
-
4.90 BSC
-
E
-
6.00 BSC
-
E1
-
3.90 BSC
-
e
-
1.27 BSC
-
L
0.40
-
1.27
L1
-
1.04 REF
-
L2
-
0.25 BSC
-
R0.07
-
-
R1
0.07
-
-
h
0.25
-
0.50
Q0º
-
8º
Q1
5º
-
15º
Q2
0º
-
-
aaa
-
0.10
-
bbb
-
0.20
-
ccc
-
0.10
-
ddd
-
0.25
-
eee
-
0.10
-
fff
-
0.15
-
ggg
-
0.15
-
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com