Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC521 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC521
Description  8-Bit Identity Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC521 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54AC521 Datasheet HTML 1Page - National Semiconductor (TI) 54AC521 Datasheet HTML 2Page - National Semiconductor (TI) 54AC521 Datasheet HTML 3Page - National Semiconductor (TI) 54AC521 Datasheet HTML 4Page - National Semiconductor (TI) 54AC521 Datasheet HTML 5Page - National Semiconductor (TI) 54AC521 Datasheet HTML 6Page - National Semiconductor (TI) 54AC521 Datasheet HTML 7Page - National Semiconductor (TI) 54AC521 Datasheet HTML 8Page - National Semiconductor (TI) 54AC521 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DC Electical Characteristics for ACT
Symbol
Parameter
VCC
TA = −55˚C to +125˚C
Units
Conditions
(V)
Guaranteed Limits
VIH
Minimum High Level
4.5
2.0
V
VOUT = 0.1V
Input Voltage
5.5
2.0
or VCC − 0.1V
VIL
Maximum Low Level
4.5
0.8
V
VOUT = 0.1V
Input Voltage
5.5
0.8
or VCC − 0.1V
VOH
Minimum High Level
4.5
4.4
V
IOUT = −50 µA
Output Voltage
5.5
5.4
VIN = V IL or VIH
4.5
3.7
V
IOH = −24 mA
5.5
4.7
IOH = −24 mA (Note 6)
VOL
Maximum Low Level
4.5
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.1
VIN = V IL or VIH
4.5
0.5
V
IOL =24mA
5.5
0.5
IOL = 24 mA (Note 6)
IIN
Maximum Input
5.5
±1.0
µA
VI = V CC, GND
Leakage Current
ICCT
Maximum
5.5
1.5
mA
VI = V CC − 2.1V
ICC/Input
IOLD
Minimum Dynamic
Output Current (Note 7)
5.5
50
mA
VOLD = 1.65V Max
IOHD
5.5
−50
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
80.0
µA
VIN = V CC
Supply Current
or GND
Note 6: All outputs loaded; thresholds on input associated with output under test.
Note 7: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Symbol
Parameter
VCC
TA = −55˚C to +125˚C
Units
(V)
CL = 50 pF
(Note 8)
Min
Max
tPLH
Propagation Delay
3.3
1.0
15.0
ns
An or Bn to OA = B
5.0
1.0
11.0
tPHL
Propagation Delay
3.3
1.0
10.5
ns
An or Bn to OA = B
5.0
1.0
8.0
tPLH
Propagation Delay
3.3
1.0
15.0
ns
IA = B to OA = B
5.0
1.0
11.0
tPHL
Propagation Delay
3.3
1.0
10.5
ns
IA = B to OA = B
5.0
1.0
8.0
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com