Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC377D Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC377D
Description  Octal D Flip-Flop with Clock Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC377D Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC377D Datasheet HTML 1Page - National Semiconductor (TI) 54AC377D Datasheet HTML 2Page - National Semiconductor (TI) 54AC377D Datasheet HTML 3Page - National Semiconductor (TI) 54AC377D Datasheet HTML 4Page - National Semiconductor (TI) 54AC377D Datasheet HTML 5Page - National Semiconductor (TI) 54AC377D Datasheet HTML 6Page - National Semiconductor (TI) 54AC377D Datasheet HTML 7Page - National Semiconductor (TI) 54AC377D Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54AC377
• 54ACT377
Octal D Flip-Flop with Clock Enable
General Description
The ’AC/’ACT377 has eight edge-triggered, D-type flip-flops
with individual D inputs and Q outputs. The common buff-
ered Clock (CP) input loads all flip-flops simultaneously,
when the Clock Enable (CE) is LOW.
The register is fully edge-triggered. The state of each D in-
put, one setup time before the LOW-to-HIGH clock transi-
tion, is transferred to the corresponding flip-flop’s Q output.
The CE input must be stable only one setup time prior to the
LOW-to-HIGH clock transition for predictable operation.
Features
n ICC reduced by 50%
n Ideal for addressable register applications
n Clock enable for address and data synchronization
applications
n Eight edge-triggered D flip-flops
n Buffered common clock
n Outputs source/sink 24 mA
n See ’273 for master reset version
n See ’373 for transparent latch version
n See ’374 for TRI-STATE® version
n ’ACT377 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD)
— ’AC377: 5962-88702
— ’ACT377: 5962-87697
Logic Symbols
Pin
Names
Description
D
0–D7
Data Inputs
CE
Clock Enable (Active LOW)
Q
0–Q7
Data Outputs
CP
Clock Pulse Input
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100290-1
IEEE/IEC
DS100290-2
February 1999
© 1999 National Semiconductor Corporation
DS100290
www.national.com


Similar Part No. - 54AC377D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC377 TI1-54AC377 Datasheet
222Kb / 10P
54AC377 54ACT377 Octal D Flip-Flop with Clock Enable
More results

Similar Description - 54AC377D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
Octal D Flip-Flop with Clock Enable
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
Octal D Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
ON Semiconductor
MC74ACT377MEL ONSEMI-MC74ACT377MEL Datasheet
111Kb / 12P
Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
54F377 TI1-54F377 Datasheet
392Kb / 10P
54F377 Octal D Flip-Flop with Clock Enable
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377_15 Datasheet
102Kb / 9P
Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com