Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GP22 Datasheet(PDF) 11 Page - ams AG

Part # TDC-GP22
Description  Ultrasonic-Flow-Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP22 Datasheet(HTML) 11 Page - ams AG

Back Button TDC-GP22 Datasheet HTML 7Page - ams AG TDC-GP22 Datasheet HTML 8Page - ams AG TDC-GP22 Datasheet HTML 9Page - ams AG TDC-GP22 Datasheet HTML 10Page - ams AG TDC-GP22 Datasheet HTML 11Page - ams AG TDC-GP22 Datasheet HTML 12Page - ams AG TDC-GP22 Datasheet HTML 13Page - ams AG TDC-GP22 Datasheet HTML 14Page - ams AG TDC-GP22 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
Ultrasonic-Flow-Converter
TDC-GP22
2-4
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
2.2
Converter Specification
Time Measuring Unit (Vio = Vcc = 3.0 V, Tj = 25°C)
Symbol
Terminal
Condition
Rated Value
Unit
Min.
Typ.
Max.
LSB
Resolution (BIN-Size)
Measurement mode 1
& 2:
DOUBLE_RES = 0
DOUBLE_RES = 1
90
45
ps
Measurement mode 2:
QUAD_RES = 1
22
ps
Standard deviation
Measurement Mode 1
DOUBLE_RES = 0
Delay = 200ns
Delay = 1µs
DOUBLE_RES = 1
Delay = 200ns
45
72
35
ps
Standard deviation
Measurement Mode 2
DOUBLE_RES = 0
Delay = 2µs
Delay = 100µs
DOUBLE_RES = 1
Delay = 2µs
Delay = 100µs
QUAD_RES = 1
Delay = 2µs
Delay = 100µs
54
70
50
62
39
62
ps
tm
Measurement range
Measurement mode 1
3.5 ns
2.4 µs
=26224
*LSB
Measurement mode 2
700 ns
4 ms
INL
Integral Non-linearity
< 0.1
LSB
DNL
Differential Non-
linearity
< 0.8
LSB
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com