Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 35Page - Texas Instruments TAS5731MPHP Datasheet HTML 36Page - Texas Instruments TAS5731MPHP Datasheet HTML 37Page - Texas Instruments TAS5731MPHP Datasheet HTML 38Page - Texas Instruments TAS5731MPHP Datasheet HTML 39Page - Texas Instruments TAS5731MPHP Datasheet HTML 40Page - Texas Instruments TAS5731MPHP Datasheet HTML 41Page - Texas Instruments TAS5731MPHP Datasheet HTML 42Page - Texas Instruments TAS5731MPHP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
(1or0)
2 +
´
1
(1or0)
2 +(1or0)
2
+.......(1or0)
2
+.......(1or0)
2
´
´
´
´
0
–1
–4
–23
2 Bit
1
2 Bit
0
2
Bit
–1
2
Bit
–4
2
Bit
–23
M0126-01
2
Bit
–23
S_xx.xxxx_xxxx_xxxx_xxxx_xxxx_xxx
2
Bit
–5
2
Bit
–1
2 Bit
0
SignBit
2 Bit
1
M0125-01
A6
A0
ACK
Acknowledge
I CDevice Addressand
Read/WriteBit
2
R/W
A6
A0
R/W ACK
A0 ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
LastDataByte
ACK
FirstDataByte
RepeatStart
Condition
Not
Acknowledge
I CDevice Addressand
Read/WriteBit
2
Subaddress
OtherDataBytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
T0036-04
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
Programming (continued)
Figure 64. Multiple-Byte Read Transfer
9.5.2 26-Bit 3.23 Number Format
All mixer gain coefficients are 26-bit coefficients using a 3.23 number format. Numbers formatted as 3.23
numbers means that there are 3 bits to the left of the binary point and 23 bits to the right of the binary point. This
is shown in Figure 65.
Figure 65. 3.23 Format
The decimal value of a 3.23 format number can be found by following the weighting shown in Figure 65. If the
most significant bit is logic 0, the number is a positive number, and the weighting shown yields the correct
number. If the most significant bit is a logic 1, then the number is a negative number. In this case every bit must
be inverted, a 1 added to the result, and then the weighting shown in Figure 66 applied to obtain the magnitude
of the negative number.
Figure 66. Conversion Weighting Factors — 3.23 Format To Floating Point
Gain coefficients, entered via the I2C bus, must be entered as 32-bit binary numbers. The format of the 32-bit
number (4-byte or 8-digit hexadecimal number) is shown in Figure 67.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com