Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5756M Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5756M
Description  Digital Input, Closed-Loop Class-D Amplifier
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5756M Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5756M Datasheet HTML 9Page - Texas Instruments TAS5756M Datasheet HTML 10Page - Texas Instruments TAS5756M Datasheet HTML 11Page - Texas Instruments TAS5756M Datasheet HTML 12Page - Texas Instruments TAS5756M Datasheet HTML 13Page - Texas Instruments TAS5756M Datasheet HTML 14Page - Texas Instruments TAS5756M Datasheet HTML 15Page - Texas Instruments TAS5756M Datasheet HTML 16Page - Texas Instruments TAS5756M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
TAS5756M
www.ti.com
SLAS988B – JUNE 2014 – REVISED AUGUST 2015
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPVDD = 15 V, SPK_GAIN = 26 dBV, RSPK = 8
Ω, Input Signal 250 mVrms,
–88
1-kHz Sine, across f(S)
VPVDD = 12 V, SPK_GAIN = 20 dBV, RSPK = 8
Ω, Input Signal 250 mVrms,
–97
Cross-talk (worst case
1-kHz Sine, across f(S)
X-talkSPK
between left-to-right and
dB
VPVDD = 24 V, SPK_GAIN = 26 dBV, RSPK = 8
right-to-left coupling)
Ω, Input Signal 250 mVrms,
–88
1-kHz Sine, across f(S)
VPVDD = 19 V, SPK_GAIN = 26 dBV, RSPK = 8
Ω, Input Signal 250 mVrms,
–88
1-kHz Sine, across f(S)
SPEAKER AMPLIFIER (MONO PBTL)
Measured differentially with zero input data,
SPK_GAIN/FREQ pin configured for 20 dBV
0.5
8
gain, VPVDD = 12 V
|VOS|
Amplifier offset voltage
mV
Measured differentially with zero input data,
SPK_GAIN/FREQ pin configured for 26 dBV
1
14
gain, VPVDD = 24 V
VPVDD = 15 V, SPK_GAIN = 20 dBV, RSPK =
58
8
Ω, A-Weighted
VPVDD = 12 V, SPK_GAIN = 20 dBV, RSPK = 8
57
Ω, A-Weighted
ICN
Idle channel noise
µVRMS
VPVDD = 19 V, SPK_GAIN = 26 dBV, RSPK =
85
8
Ω, A-Weighted
VPVDD = 24 V, SPK_GAIN = 26 dBV, RSPK = 8
85
Ω, A-Weighted
VPVDD = 24 V, SPK_GAIN = 26 dBV, RSPK = 2
40
Ω, THD+N = 0.1%, Unless otherwise noted
VPVDD = 24 V, SPK_GAIN = 26 dBV, RSPK = 4
56
Ω, THD+N = 0.1%, Unless otherwise noted
VPVDD = 24 V, SPK_GAIN = 26 dBV, RSPK = 8
34
Ω, THD+N = 0.1%
VPVDD = 19 V, SPK_GAIN = 26 dBV, RSPK = 2
40
Ω, THD+N = 0.1%, Unless otherwise noted
VPVDD = 12 V, SPK_GAIN = 20 dBV, RSPK = 8
8
Ω, THD+N = 0.1%
VPVDD = 19 V, SPK_GAIN = 26 dBV, RSPK = 4
36
Ω, THD+N = 0.1%, Unless otherwise noted
Output Power (Per
PO
W
Channel)
VPVDD = 19 V, SPK_GAIN = 26 dBV, RSPK = 8
21.3
Ω, THD+N = 0.1%
VPVDD = 15 V, SPK_GAIN = 26 dBV, RSPK = 2
36
Ω, THD+N = 0.1%, Unless otherwise noted
VPVDD = 15 V, SPK_GAIN = 26 dBV, RSPK = 4
24
Ω, THD+N = 0.1%, Unless otherwise noted
VPVDD = 15 V, SPK_GAIN = 26 dBV, RSPK = 8
13.5
Ω, THD+N = 0.1%
VPVDD = 12 V, SPK_GAIN = 20 dBV, RSPK = 2
30
Ω, THD+N = 0.1%, Unless otherwise noted
VPVDD = 12 V, SPK_GAIN = 20 dBV, RSPK = 4
15
Ω, THD+N = 0.1%, Unless otherwise noted
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TAS5756M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com