Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5V0F2U6LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D5V0F2U6LP
Description  2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0F2U6LP Datasheet(HTML) 1 Page - Diodes Incorporated

  D5V0F2U6LP Datasheet HTML 1Page - Diodes Incorporated D5V0F2U6LP Datasheet HTML 2Page - Diodes Incorporated D5V0F2U6LP Datasheet HTML 3Page - Diodes Incorporated D5V0F2U6LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D5V0F2U6LP
Document number: DS36672 Rev. 3 - 2
1 of 4
www.diodes.com
November 2014
© Diodes Incorporated
D5V0F2U6LP
2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Product Summary
VBR (min)
IPP (max)
CT (typ)
6V
1.5A
0.5pF
Description
This new generation TVS is designed to protect sensitive electronics
from the damage due to ESD. The combination of small size and high
ESD surge capability makes it ideal for use in portable applications
such as cellular phones, digital cameras, and MP3 players.
Applications
Cellular Handsets
Portable Electronics
Computers and Peripheral
Features
Low Profile Package (0.61mm max) and Ultra-Small PCB
Footprint Area (1.68 * 1.08mm max) Suitable for Compact
Portable Electronics
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±15kV, Contact ±15kV
2 Channels of ESD Protection
Low Channel Input Capacitance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: U-DFN1610-6
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu over Copper Leadframe. Solderable per MIL-
STD-202, Method 208
Weight: 0.003 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
D5V0F2U6LP-7
Standard
TG6
7
8
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2014
2013
2014
2015
2016
2017
2018
Code
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Pin #
Function
1, 2
Input
5, 6
No Connection
3, 4
Ground
Device Schematic
Pin Description (Top View)
CH 1
CH 2
V
N
TG6
YM
TG6 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: B = 2014)
M = Month (ex: 9 = September)
e4


Similar Part No. - D5V0F2U6LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0F2U6LP37 DIODES-D5V0F2U6LP37 Datasheet
232Kb / 5P
58V UNIDIRECTIONAL TVS DIODE ARRAY
Rev 2
D5V0F2U6LP37B DIODES-D5V0F2U6LP37B Datasheet
232Kb / 5P
58V UNIDIRECTIONAL TVS DIODE ARRAY
Rev 2
D5V0F2U6LP47 DIODES-D5V0F2U6LP47 Datasheet
232Kb / 5P
58V UNIDIRECTIONAL TVS DIODE ARRAY
Rev 2
D5V0F2U6LP47B DIODES-D5V0F2U6LP47B Datasheet
232Kb / 5P
58V UNIDIRECTIONAL TVS DIODE ARRAY
Rev 2
D5V0F2U6LP7 DIODES-D5V0F2U6LP7 Datasheet
232Kb / 5P
58V UNIDIRECTIONAL TVS DIODE ARRAY
Rev 2
More results

Similar Description - D5V0F2U6LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-02SOL-7 DIODES-D1213A-02SOL-7 Datasheet
126Kb / 4P
2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
D1213A-02SO-7 DIODES-D1213A-02SO-7 Datasheet
146Kb / 5P
2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
D5V0F2U3LP DIODES-D5V0F2U3LP Datasheet
193Kb / 4P
2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
D5V0F2U3LP08 DIODES-D5V0F2U3LP08 Datasheet
214Kb / 5P
2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
D1213A-02S DIODES-D1213A-02S Datasheet
154Kb / 5P
2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 6
D1213A-02SM DIODES-D1213A-02SM Datasheet
129Kb / 5P
2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 10
DRTR5V0U2SR DIODES-DRTR5V0U2SR Datasheet
113Kb / 4P
2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
D5V0F2U3LPQ DIODES-D5V0F2U3LPQ Datasheet
296Kb / 5P
2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
DUSBULC6-CSP4 DIODES-DUSBULC6-CSP4 Datasheet
590Kb / 6P
2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
April 2017
D24V0F2U3WQ DIODES-D24V0F2U3WQ Datasheet
431Kb / 5P
2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
January 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com