Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC374F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC374F
Description  Octal D Flip-Flop with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC374F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC374F Datasheet HTML 1Page - National Semiconductor (TI) 54AC374F Datasheet HTML 2Page - National Semiconductor (TI) 54AC374F Datasheet HTML 3Page - National Semiconductor (TI) 54AC374F Datasheet HTML 4Page - National Semiconductor (TI) 54AC374F Datasheet HTML 5Page - National Semiconductor (TI) 54AC374F Datasheet HTML 6Page - National Semiconductor (TI) 54AC374F Datasheet HTML 7Page - National Semiconductor (TI) 54AC374F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54AC374
• 54ACT374
Octal D Flip-Flop with TRI-STATE® Outputs
General Description
The ’AC/’ACT374 is a high-speed, low-power octal D-type
flip-flop featuring separate D-type inputs for each flip-flop
and TRI-STATE outputs for bus-oriented applications. A buff-
ered Clock (CP) and Output Enable (OE) are common to all
flip-flops.
Features
n ICC and IOZ reduced by 50%
n Buffered positive edge-triggered clock
n TRI-STATE outputs for bus-oriented applications
n Outputs source/sink 24 mA
n See ’273 for reset version
n See ’377 for clock enable version
n See ’373 for transparent latch version
n See ’574 for broadside pinout version
n See ’564 for broadside pinout version with inverted
outputs
n ’ACT374 has TTL-compatible inputs
n Standard Military Drawing (SMD)
— ’AC374: 5962-87694
— ’ACT374: 5962-87631
Logic Symbols
Pin
Names
Description
D
0–D7
Data Inputs
CP
Clock Pulse Input
OE
TRI-STATE Output Enable Input
O
0–O7
TRI-STATE Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100289-1
IEEE/IEC
DS100289-2
August 1998
© 1998 National Semiconductor Corporation
DS100289
www.national.com


Similar Part No. - 54AC374F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC374 TI1-54AC374 Datasheet
215Kb / 10P
Octal D Flip-Flop with TRI-STATE Outputs
More results

Similar Description - 54AC374F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54ACT534 NSC-54ACT534 Datasheet
149Kb / 6P
Octal D Flip-Flop with TRI-STATE Outputs
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT374A NSC-54FCT374A Datasheet
213Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
Octal D-Type Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
74FCT534 NSC-74FCT534 Datasheet
142Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
MN54ACTQ574-X NSC-MN54ACTQ574-X Datasheet
34Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
logo
Texas Instruments
54AC374 TI1-54AC374 Datasheet
215Kb / 10P
Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com