Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5V0P1B2LP3 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D5V0P1B2LP3
Description  LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0P1B2LP3 Datasheet(HTML) 2 Page - Diodes Incorporated

  D5V0P1B2LP3 Datasheet HTML 1Page - Diodes Incorporated D5V0P1B2LP3 Datasheet HTML 2Page - Diodes Incorporated D5V0P1B2LP3 Datasheet HTML 3Page - Diodes Incorporated D5V0P1B2LP3 Datasheet HTML 4Page - Diodes Incorporated D5V0P1B2LP3 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D5V0P1B2LP3
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Current
IPP
4
A
8/20µs, per Figure 3
ESD Protection – Contact Discharge
VESD_Contact
±15
kV
IEC 61000-4-2 Standard
ESD Protection – Air Discharge
VESD_Air
±17
kV
IEC 61000-4-2 Standard
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Standoff Voltage
VRWM
—
—
5.5
V
—
Channel Leakage Current (Note 6)
IRM
—
10
100
nA
VRWM = 5V
Clamping Voltage, Positive Transients
VCL
—
7.0
9.0
V
IPP = 1A, tp = 8/20
μS, Figure 3
—
11.0
13.0
IPP = 4A, tp = 8/20
μS, Figure 3
Breakdown Voltage
VBR
6
7
8
V
IR = 1mA
Channel Input Capacitance
CT
—
8
10
pF
VR = 0V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
0
t, TIME (µs)
Figure 1 Pulse Waveform
20
40
60
100
50
0
Peak Value Ipp
Half Value I
/2
pp
8x20 Waveform
as defined by R.E.A.
5
6
7
8
9
0
1
2
3
4
5
6
V , REVERSE VOLTAGE (V)
Figure 2 Typical Total Capacitance vs. Reverse Voltage
R
f = 1MHz
D5V0P1B2LP3
Document number: DS37186 Rev. 1 - 2
2 of 5
www.diodes.com
August 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com