Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VCF5
Description  TeSys Vario - emergency stop switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCF5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VCF5 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCF5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
[Icw] rated short-time withstand current
1500 A 400 V during 1 s
Rated conditional short-circuit current
10 kA 400 V - associated fuse 125 A gG
10 kA 400 V - associated fuse 125 A aM
Breaking capacity
1000 A 400 V AC-23A
1000 A 400 V AC-22A
1000 A 400 V AC-21A
Device composition
Handle
Switch
Mechanical durability
30000 cycles
Electrical durability
30000 cycles DC-1...5
30000 cycles AC-21
Suitability for isolation
Yes
Connections - terminals
Power circuit: screw clamp terminals cable 0.11 in² (70 mm²) - cable stiffness: flexible
- with cable end cable end
Power circuit: screw clamp terminals cable 0.15 in² (95 mm²) - cable stiffness: solid -
Tightening torque
Power circuit: 200 lbf.in (22.6 N.m) - on screw clamp terminals
Base dimension
90 x 90 mm
Height
4.92 in (125 mm)
Width
3.54 in (90 mm)
Product weight
2.65 lb(US) (1.2 kg)
Compatibility code
Main switch disconnector
Environment
Standards
IEC 60947-3
Product certifications
CCC
CSA
GL
UL
Protective treatment
TC
IP degree of protection
IP65
IP20 conforming to IEC 60529
Mechanical robustness
Shocks 11 ms 30 Gn IEC 60068-2-27
Vibrations 10...150 Hz 1 gn IEC 60068-2-6
Ambient air temperature for operation
-4...122 °F (-20...50 °C)
Fire resistance
1760 °F (960 °C) conforming to IEC 60695-2-1
Ordering and shipping details
Category
21730 - V VARIO SWITCH
Discount Schedule
CP1
GTIN
00785901770466
Nbr. of units in pkg.
1
Package weight(Lbs)
2.67
Product availability
Stock - Normally stocked in distribution facility
Returnability
Y
Country of origin
CZ
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS (date code: YYWW)
Compliant - since 0738 -
Schneider Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Download Product Environmental Profile
Product end of life instructions
Need no specific recycling operations
Contractual warranty
Period
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com