Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR91 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # XR91
Description  Zinc-Manganese Dioxide (Zn/MnO2) No added mercury or cadmium
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

XR91 Datasheet(HTML) 2 Page - LSI Computer Systems

  XR91 Datasheet HTML 1Page - LSI Computer Systems XR91 Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AA
ENERGIZER XR91
250 mA Discharge (-20°C / 0°C / 21°C)
Discharge Characteristics (21°C)
Constant Power Performance
Constant Current Performance
Industry Standard Tests (21°C)
Engineering Data
PRODUCT DATASHEET
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
2
4
6
8
Service (hours)
(0°C)
(-20°C)
(21°C)
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
Service (hours)
REMOTE
24 ohm 15 sec/min 8 hrs/day
RADIO
43 ohm 4 hrs/day
REMOTE
RADIO
0.8
1.0
1.2
1.4
1.6
0
7
14
21
28
Service (hours)
CD/GAMES
250 mA 1 hr/day
DIGITAL AUDIO
100 mA 1 hr/day
CD/GAMES
DIGITAL AUDIO
0.8
1.0
1.2
1.4
1.6
0
2
4
6
8
10
Service (hours)
PORTABLE LIGHTING
3.3 ohm LIF
TOY
3.9 ohm 1 hr/day
LIGHT
TOY
TOOTHBRUSH
500 mA 2/13 min 24 hrs/day
BRUSH
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
120
Service (minutes)
DIGITAL CAMERA
1.5K/.65K mW 2./1./27.9s 10x
PHOTOFLASH
1K mA 10 sec/min 1 hr/day
CAMERA
PHOTO
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
8
16
24
32
Service (hours)
100 mW
250 mW
Page 2 of 2
Pack Quantity
:
4
Manufacturers Part Number : E300130700
Pack Quantity
:
8
Manufacturers Part Number : E300116500
Pack Quantity
:
20
Manufacturers Part Number : E300487800



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com