Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC520F Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC520F
Description  8-Bit Identity Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC520F Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54AC520F Datasheet HTML 1Page - National Semiconductor (TI) 54AC520F Datasheet HTML 2Page - National Semiconductor (TI) 54AC520F Datasheet HTML 3Page - National Semiconductor (TI) 54AC520F Datasheet HTML 4Page - National Semiconductor (TI) 54AC520F Datasheet HTML 5Page - National Semiconductor (TI) 54AC520F Datasheet HTML 6Page - National Semiconductor (TI) 54AC520F Datasheet HTML 7Page - National Semiconductor (TI) 54AC520F Datasheet HTML 8Page - National Semiconductor (TI) 54AC520F Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DC Characteristics for ’AC Family Devices (Continued)
54AC
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
I
IL
Maximum Input
5.5
−1.5
mA
V
I = VCC
Low Leakage Current
B Inputs Only
I
OLD
Minimum Dynamic
(Note 3)
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
Output Current
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent
5.5
80.0
µA
V
IN = VCC
Supply Current
I
CC
Maximum Quiescent
5.5
8.0
mA
V
IN = GND
Supply Current
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
DC Characteristics for ’ACT Family Devices
54ACT
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
V
IH
Minimum High Level
4.5
2.0
V
V
OUT = 0.1V
Input Voltage
5.5
2.0
or V
CC − 0.1V
V
IL
Maximum Low Level
4.5
0.8
V
V
OUT = 0.1V
Input Voltage
5.5
0.8
or V
CC − 0.1V
V
OH
Minimum High Level
4.5
4.4
V
I
OUT = −50 µA
Output Voltage
5.5
5.4
(Note 4)
V
IN = VILor VIH
4.5
3.70
V
I
OH = −24 mA
5.5
4.70
I
OH = −24 mA
V
OL
Maximum Low Level
4.5
0.1
V
I
OUT = 50 µA
Output Voltage
5.5
0.1
(Note 4)
V
IN = VILor VIH
4.5
0.50
V
I
OL =24mA
5.5
0.50
I
OL =24mA
I
IN
Maximum Input
5.5
±1.0
µA
V
I = VCC, GND
Leakage Current
I
IH
Maximum Input
5.5
10.0
µA
V
I = VCC
High Leakage Current
B Inputs Only
I
IL
Maximum Input
5.5
−1.0
mA
V
I = VCC
Low Leakage Current
B Inputs Only
I
CCT
Maximum
5.5
1.6
mA
V
I = VCC − 2.1V
I
CC/Input
I
OLD
Minimum Dynamic
(Note 5)
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
Output Current
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent
5.5
80.0
µA
V
IN = VCC
Supply Current
or GND
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com