Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R511-M101 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # V23832-R511-M101
Description  PAROLI 2 Tx AC, 1.25 Gbit/s
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R511-M101 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button V23832-R511-M101 Datasheet HTML 4Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 5Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 6Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 7Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 8Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 9Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 10Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 11Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
V23832-T2531-M101
V23832-R511-M101
Description
Data Sheet
8
2003-11-19
Transmitter V23832-T2531-M101
The transmitter module converts parallel electrical input signals via a laser driver and a
Vertical Cavity Surface Emitting Laser (VCSEL) diode array into parallel optical output
signals. All input data signals are Multistandard Differential Signals (LVDS compatible;
LVPECL and CML is also supported because of the wide common input range). The
electrical interface (LVDS, LVPECL or CML) is selected by the supply inputs
V
IN. The
data rate is up to 1250 Mbit/s for each channel. The transmitter module’s min. data rate
of 500 Mbit/s is specified for the CID
1) worst case pattern (disparity 72) or any pattern with
a lower disparity. The transmitter features active feedback of optical output power and
extinction ratio, which guarantees a constant power budget.
Unused channels can be forced to a quiescent state by applying e.g. a constant high
level to the input stage of these channels. The integrated alerter circuit (see “Laser Eye
Safety Design Considerations” on Page 12) will switch off the corresponding
transmitter output, which results also in a reduced power consumption. Unused
transmitter input channels can also be left open. The integrated swing detection circuit
will assure a quiescent output state for these channels.
A logic low level at –RESET switches all laser outputs off. During power-up –RESET
must be used as a power-on reset which disables the laser driver and laser control until
the power supply has reached a 3.135 V level.
The Laser Controller Up (LCU) output is low if a laser fault is detected or –RESET is
forced to low.
All non data signals have LVCMOS levels.
Transmission delay of the PAROLI system is
≤ 1 ns for the transmitter, ≤ 1 ns for the
receiver and approximately 5 ns per meter for the fiber optic cable.
Figure 4
Transmitter Block Diagram
1)
Consecutive Identical Digit (CID) immunity test pattern for STM-N signals,
ITU-T recommendation G.957 sec. II.
Input
Stage
Laser
Diode
Array
12
12
Data
Data In
Electrical
Input
Optical
Output
−RESET
Laser Controller
Up (LCU)
12
Laser
Driver
Laser
Control
12
LE
LE Laser Enable
VIN
File: 3317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com