Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R521-M101 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # V23832-R521-M101
Description  PAROLI 2 Tx AC, 2.7 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R521-M101 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button V23832-R521-M101 Datasheet HTML 2Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 3Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 4Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 5Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 6Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 7Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 8Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 9Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
V23832-T2431-M101
V23832-R421-M101
Pin Configuration
Data Sheet
6
2003-11-19
Pin Description Receiver
Symbol
Level/Logic Description
V
CC
Power supply voltage of pre amplifier and analog circuitry
V
CCO
Power supply voltage of output stages
REFR
LVDS = to be left open (t.b.l.o.)
V
EE
Ground
OEN
LVCMOS In
Output Enable High = normal operation.
Low = sets all Data Outputs to low.
This input has an internal pull-up which pulls to high level
when this input is left open.
ENSD
LVCMOS In
High = SD1 and –SD12 function enabled.
Low = SD1 and –SD12 are set to permanent active.
This input has an internal pull-up which pulls to high level
when this input is left open.
SD1
LVCMOS
Out
Signal Detect on fiber #1.
High = signal of sufficient AC power is present on fiber #1.
Low = signal on fiber #1 is insufficient.
–SD12
LVCMOS
Out
low active
Signal Detect on fiber #12.
Low = signal of sufficient AC power is present on fiber #12.
High = signal on fiber #12 is insufficient.
DOxxP
LVDS Out
Data Output #xx, non-inverted
DOxxN
LVDS Out
Data Output #xx, inverted
t.b.l.o.
to be left open
Reserved
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com