Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R411-M101 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # V23832-R411-M101
Description  PAROLI 2 Tx AC, 2.7 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R411-M101 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button V23832-R411-M101 Datasheet HTML 7Page - Infineon Technologies AG V23832-R411-M101 Datasheet HTML 8Page - Infineon Technologies AG V23832-R411-M101 Datasheet HTML 9Page - Infineon Technologies AG V23832-R411-M101 Datasheet HTML 10Page - Infineon Technologies AG V23832-R411-M101 Datasheet HTML 11Page - Infineon Technologies AG V23832-R411-M101 Datasheet HTML 12Page - Infineon Technologies AG V23832-R411-M101 Datasheet HTML 13Page - Infineon Technologies AG V23832-R411-M101 Datasheet HTML 14Page - Infineon Technologies AG V23832-R411-M101 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
V23832-T2431-M101
V23832-R421-M101
Description
Data Sheet
11
2003-11-19
When Gigabit switching components are found on a PCB (e.g. multiplexer, serializer-
deserializer, clock data recovery, etc.), any opening of the chassis may leak radiation;
this may also occur at chassis slots other than that of the device itself. Thus every
mechanical opening or aperture should be as small as feasible and its length carefully
considered.
On the board itself, every data connection should be an impedance matched line (e.g.
micro strip, strip line or coplanar strip line). Data (D) and Data-not (Dn) should be routed
symmetrically. Vias should be avoided. Where internal termination inside an IC or a
PAROLI module is not present, a line terminating resistor must be provided.
The decision of how best to establish a ground depends on many boundary conditions.
This decision may turn out to be critical for achieving lowest EMI performance. At RF
frequencies the ground plane will always carry some amount of RF noise. Thus the
ground and
V
CC planes are often major radiators inside an enclosure.
As a general rule, for small systems such as PCI cards placed inside poorly shielded
enclosures, the common ground scheme has often proven to be most effective in
reducing RF emissions. In a common ground scheme, the PCI card becomes more
equipotential with the chassis ground. As a result, the overall radiation will decrease. In
a common ground scheme, it is strongly recommended to provide a proper contact
between signal ground and chassis ground at every location where possible. This
concept is designed to avoid hotspots which are places of highest radiation, caused
when only a few connections between chassis and signal grounds exist. Compensation
currents would concentrate at these connections, causing radiation.
However, as signal ground may be the main cause for parasitic radiation, connecting
chassis ground and signal ground at the wrong place may result in enhanced RF
emissions. For example, connecting chassis ground and signal ground at a front panel/
bezel/chassis by means of a fiber optic module may result in a large amount of radiation
especially where combined with an inadequate number of grounding points between
signal ground and chassis ground. Thus the fiber optic module becomes a single contact
point increasing radiation emissions. Even a capacitive coupling between signal ground
and chassis ground may be harmful if it is too close to an opening or an aperture. For a
number of systems, enforcing a strict separation of signal ground from chassis ground
may be advantageous, providing the housing does not present any slots or other
discontinuities. This separate ground concept seems to be more suitable in huge
systems.
The return path of RF current must also be considered. Thus a split ground plane
between Tx and Rx paths may result in severe EMI problems.
The bezel opening for a transceiver should be sized so that all contact springs of the
transceiver cage make good electrical contact with the face plate.
Please consider that the PCB may behave like a dielectric waveguide. With a dielectric
constant of 4, the wavelength of the harmonics inside the PCB will be half of that in free
space. Thus even the smallest PCBs may have unexpected resonances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com