Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC821 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC821
Description  10-Bit D Flip-Flop with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC821 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC821 Datasheet HTML 1Page - National Semiconductor (TI) 54AC821 Datasheet HTML 2Page - National Semiconductor (TI) 54AC821 Datasheet HTML 3Page - National Semiconductor (TI) 54AC821 Datasheet HTML 4Page - National Semiconductor (TI) 54AC821 Datasheet HTML 5Page - National Semiconductor (TI) 54AC821 Datasheet HTML 6Page - National Semiconductor (TI) 54AC821 Datasheet HTML 7Page - National Semiconductor (TI) 54AC821 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54AC821
• 54ACT821
10-Bit D Flip-Flop with TRI-STATE® Outputs
General Description
The ’AC/’ACT821 is a 10-bit D flip-flop with TRI-STATE out-
puts arranged in a broadside pinout.
The ’AC/’ACT821 is functionally identical to the AM29821.
Features
n TRI-STATE outputs for bus interfacing
n Noninverting outputs
n Outputs source/sink 24 mA
n ’ACT821 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD)
— ’ACT821: 5962-88705
— ’AC821: 5962-91606
Logic Symbols
Pin Names
Description
D
0–D9
Data Inputs
O
0–O9
Data Outputs
OE
Output Enable Input
CP
Clock Input
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100355-1
IEEE/IEC
DS100355-2
Pin Assignment
for DIP and Flatpak
DS100355-3
Pin Assignment for LCC
DS100355-4
August 1998
© 1998 National Semiconductor Corporation
DS100355
www.national.com


Similar Part No. - 54AC821

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC86 NSC-54AC86 Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gate
54AC86D NSC-54AC86D Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gate
54AC86F NSC-54AC86F Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gate
54AC86L NSC-54AC86L Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gate
More results

Similar Description - 54AC821

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT16374 NSC-54ABT16374 Datasheet
131Kb / 6P
16-Bit D Flip-Flop with TRI-STATE Outputs
54AC374 NSC-54AC374 Datasheet
170Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
54ACQ821 NSC-54ACQ821 Datasheet
268Kb / 10P
Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ16374 NSC-54ACTQ16374 Datasheet
80Kb / 6P
16-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54FCT374A NSC-54FCT374A Datasheet
213Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
SCAN18374T NSC-SCAN18374T Datasheet
162Kb / 14P
D Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
74FCT534 NSC-74FCT534 Datasheet
142Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
logo
Texas Instruments
54AC374 TI1-54AC374 Datasheet
215Kb / 10P
Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com