Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA592 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BA592
Description  Silicon RF Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA592 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BA592 Datasheet HTML 1Page - Infineon Technologies AG BA592 Datasheet HTML 2Page - Infineon Technologies AG BA592 Datasheet HTML 3Page - Infineon Technologies AG BA592 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb-04-2003
2
BA592/BA892...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 20 V
IR
-
-
20
nA
Forward voltage
IF = 100 mA
VF
-
-
1
V
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 3 V, f = 1 MHz
VR = 0 V, f = 100 MHz
CT
0.65
0.6
-
0.92
0.85
1
1.4
1.1
-
pF
Reverse parallel resistance
VR = 0 V, f = 100 MHz
RP
-
100
-
k

Forward resistance
IF = 3 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
rf
-
-
0.45
0.36
0.7
0.5

Charge carrier life time
IF = 10 mA, IR = 6 mA, measured at IR = 3mA,
RL = 100 
 rr
-
120
-
ns
I-region width
WI
-
3
-
µm
Insertion loss1)
IF = 0.1 mA, f = 1 GHz
IF = 3 mA, f = 1 GHz
IF = 10 mA, f = 1 GHz
|S21|2
-
-
-
-0.1
-0.05
-0.04
-
-
-
dB
Isolation1)
VR = 0 V, f = 100 MHz
VR = 0 V, f = 470 MHz
VR = 0 V, f = 1 GHz
|S21|2
-
-
-
-23.5
-10.5
-5.5
-
-
-
1BA892-02L in series configuration, Z = 50




Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com