Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAL74 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAL74
Description  Silicon Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAL74 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAL74 Datasheet HTML 1Page - Infineon Technologies AG BAL74 Datasheet HTML 2Page - Infineon Technologies AG BAL74 Datasheet HTML 3Page - Infineon Technologies AG BAL74 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAL74
Jul-27-2001
2
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Breakdown voltage
I(BR) = 100 µA
V(BR)
50
-
-
V
Forward voltage
IF = 100 mA
VF
-
-
1
Reverse current
VR = 50 V
IR
-
-
0.1
µA
Reverse current
VR = 50 V, TA = 150 °C
IR
-
-
100
AC characteristics
Diode capacitance
VR = 0 V, f = 1 MHz
CD
-
-
2
pF
Reverse recovery time
IF = 10 mA, IR = 10 mA, RL = 100 ,
measured at IR = 1mA
trr
-
-
4
ns
Test circuit for reverse recovery time
EHN00013
Oscillograph
Ι
F
D.U.T.
Pulse generator: tp = 100ns, D = 0.05,
tr = 0.6ns, Ri = 50

Oscillograph: R = 50
, tr = 0.35ns,
C
 1pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com