Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAS16
Description  Silicon Switching Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS16 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAS16 Datasheet HTML 1Page - Infineon Technologies AG BAS16 Datasheet HTML 2Page - Infineon Technologies AG BAS16 Datasheet HTML 3Page - Infineon Technologies AG BAS16 Datasheet HTML 4Page - Infineon Technologies AG BAS16 Datasheet HTML 5Page - Infineon Technologies AG BAS16 Datasheet HTML 6Page - Infineon Technologies AG BAS16 Datasheet HTML 7Page - Infineon Technologies AG BAS16 Datasheet HTML 8Page - Infineon Technologies AG BAS16 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dec-04-2003
4
BAS16...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Diode capacitance
VR = 0 V, f = 1 MHz
CT
-
-
2
pF
Reverse recovery time
IF = 10 mA, IR = 10 mA, measured at IR = 1mA ,
RL = 100 Ω
trr
-
-
4
ns
Test circuit for reverse recovery time
EHN00017
Ι
F
D.U.T.
Oscillograph
Pulse generator: tp = 100ns, D = 0.05, tr = 0.6ns,
Ri = 50Ω
Oscillograph: R = 50
Ω, tr = 0.35ns, C = 0.05pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com