Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS19
Description  Silicon Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS19 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS19 Datasheet HTML 1Page - Infineon Technologies AG BAS19 Datasheet HTML 2Page - Infineon Technologies AG BAS19 Datasheet HTML 3Page - Infineon Technologies AG BAS19 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aug-06-2001
3
BAS19...BAS21
Reverse current IR =
 (TA)
VR = Parameter
10
0
50
100
150
BAS 19...21
EHB00027
µ
T
A
Ι
R
˚C
0
-2
5
5
5
max
typ.
A
10 -1
10
101
10 2
Forward Voltage VF =
 (TA)
IF = Parameter
0.0
0
BAS 19...21
EHB00029
T
A
V
F
˚C
0.5
1.0
V
1.5
50
100
150
F
Ι = 625 mA
mA
250
100 mA
10 mA
Forward current IF =
 (VF)
TA = 25 °C
0.0
0
EHB00028
BAS 19...21
Ι
V
F
F
100
200
300
400
500
600
700
mA
800
0.5
1.0
V
1.5
Peak forward current IFM =
 (tp)
TA = 25 °C
EHB00032
-6
10
D = 0.005
0.01
0.02
T
D =
T
BAS 19...21
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t p
t p
0.05
0.1
0.2
t
10
10
-2
-1
A
FM
10
10
10
Ι
0
1
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com