Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAS40
Description  HiRel Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS40 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAS40 Datasheet HTML 1Page - Infineon Technologies AG BAS40 Datasheet HTML 2Page - Infineon Technologies AG BAS40 Datasheet HTML 3Page - Infineon Technologies AG BAS40 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS40
Semiconductor Group
2 of 4
Draft B, September 99
Maximum Ratings
Parameter
Symbol
Values
Unit
Reverse Voltage
VR
40
V
Forward Current
IF
120
mA
Surge Forward Current
1)
IFSM
170
mA
Power Dissipation
2)
Ptot
250
mW
Operating Temperature Range
Top
-55 to +150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Soldering Temperature
3)
Tsol
+250
°C
Junction Temperature
Tj
150
°C
Thermal Resistance Junction-Case
Rth(j-c)
100
K/W
Electrical Characteristics
at TA=25°C; unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse Current 1
VR=40V
IR1
--
10
µA
Reverse Current 2
VR=30V
IR2
--
1
µA
Forward Voltage 1
IF1=1mA
VF1
0,29
0,33
0,39
V
Forward Voltage 2
IF2=10mA
VF2
0,42
0,45
0,54
V
Forward Voltage 3
IF3=40mA
VF3
0,68
0,7
0,85
V
Differential Forward Resistance
4)
IF=10mA, IF=15mA
RFD
7,5
10
11,5
Ω
AC Characteristics
Total Capacitance
VR=0V; f=1MHz
CT
2,2
2,9
5,0
pF
Notes.:
1.) t
≤ 10ms, Duty Cycle=10%
2.) At TCASE = 125 °C. For TCASE > 125 °C derating is required.
3.) During 5 sec. maximum. The same terminal shall not be resoldered until 3 minutes have elapsed.
∆V
F
4.)
RFD=----------------
5x10-3 A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com