Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTB2S-F5331 Datasheet(PDF) 2 Page - SICK AG

Part # GTB2S-F5331
Description  Photoelectric proximity sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GTB2S-F5331 Datasheet(HTML) 2 Page - SICK AG

  GTB2S-F5331 Datasheet HTML 1Page - SICK AG GTB2S-F5331 Datasheet HTML 2Page - SICK AG GTB2S-F5331 Datasheet HTML 3Page - SICK AG GTB2S-F5331 Datasheet HTML 4Page - SICK AG GTB2S-F5331 Datasheet HTML 5Page - SICK AG GTB2S-F5331 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/15/2016 2:50:16 AM
Photoelectric sensors
G2S, Photoelectric proximity sensor, Background suppression
1) Object with 90 % reflectance (referred to standard white, DIN 5033) 2) Object with 6 % remission 3) Average service life of 100,000 h at TA = +25 °C
Type
> GTB2S-F5331
Part No.
> 1064353
At a glance
Reliable detection of black and white objects at distances up to 30 mm
•
Background blanking from 36 mm
•
Laser-type light spot 3 mm in diameter at a distance of 15 mm
•
Your benefits
Faster machine cycles due to the brilliant, small light spots that allow accurate
switching points and extremely small gaps between objects
•
Universal use, since the sensors detect objects independent of their remission,
object contours and backgrounds
•
High throughput and less downtime due to the sensor's ability to suppress active
and passive interference in industrial environments.
•
The 45-degree tilted cable entry offers maximum installation flexibility with
additional soft rubber bearings to absorb vibrations and tensile loads
•
The powerful PinPoint LED permits reliable detection of jet-black and poorly
reflective objects
•
Illustration may differ
Features
Sensor/detection principle:
Photoelectric proximity sensor, Background suppression
Dimensions (W x H x D):
7.7 mm x 21.8 mm x 13.5 mm
Housing design (light emission):
Rectangular
Sensing range max.:
1 mm ... 36 mm 1)
Sensing range:
5 mm ... 30 mm 2)
Type of light:
Visible red light
Light source:
PinPoint LED 3)
Wave length:
640 nm
Light spot size (distance):
Ø 3 mm (15 mm)
Background suppression typ. from:
38 mm
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
≤ 5 Vpp 2)
Current consumption:
≤ 20 mA 3)
Output type:
PNP
Switching mode:
Dark switching
Output current Imax.:
< 50 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com