Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS78A Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS78A
Description  Silicon Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS78A Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS78A Datasheet HTML 1Page - Infineon Technologies AG BAS78A Datasheet HTML 2Page - Infineon Technologies AG BAS78A Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAS78A...BAS78D
Aug-20-2001
3
Forward current IF = f (VF)
TA = 25°C
0
EHB00047
BAS 78A...D
Ι
V
F
F
1V
2
10-2
-3
10
-1
10
0
10
1
10
A
Forward current IF = f (TS)
0
15
30
45
60
75
90
105 120 °C
150
TS
0
100
200
300
400
500
600
700
800
900
1000
mA
1200
Reverse current IR = f (TA)
VR = VRmax
10
10
10
0
50
100
150
BAS 78A...D
EHB00048
T
A
Ι
R
C
10
10
5
4
3
2
1
5
5
5
max
typ
nA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com