Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS79C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAS79C
Description  Silicon Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS79C Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAS79C Datasheet HTML 1Page - Infineon Technologies AG BAS79C Datasheet HTML 2Page - Infineon Technologies AG BAS79C Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS79A...BAS79D
Aug-20-2001
1
Silicon Switching Diodes
 Switching applications
 High breakdown voltage
 Common cathode
VPS05163
1
2
3
4
EHA00005
1
2, 4
3
Type
Marking
Pin Configuration
Package
BAS79A
BAS79B
BAS79C
BAS79D
BAS 79A
BAS 79B
BAS 79C
BAS 79D
1 = A1
1 = A1
1 = A1
1 = A1
2=C1/2
2=C1/2
2=C1/2
2=C1/2
3 = A2
3 = A2
3 = A2
3 = A2
4=C1/2
4=C1/2
4=C1/2
4=C1/2
SOT223
SOT223
SOT223
SOT223
Maximum Ratings
Parameter
Symbol
BAS
79A
BAS
79B
BAS
79C
BAS
79D
Unit
Diode reverse voltage
VR
50
100
200
400
V
Peak reverse voltage
VRM
50
100
200
400
Forward current
IF
1
A
Peak forward current
IFM
1
Surge forward current, t = 1
s
IFS
10
Total power dissipation, TS = 114 °C
Ptot
1.2
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
 30
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BAS79C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results

Similar Description - BAS79C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS19 INFINEON-BAS19 Datasheet
46Kb / 4P
Silicon Switching Diodes
Aug-06-2001
BAS78A INFINEON-BAS78A Datasheet
33Kb / 3P
Silicon Switching Diodes
Aug-20-2001
BAW78 INFINEON-BAW78 Datasheet
441Kb / 4P
Silicon Switching Diodes
Feb-03-2003
logo
NEC
1S2837 NEC-1S2837 Datasheet
246Kb / 4P
SILICON SWITCHING DIODES
1SS303 NEC-1SS303 Datasheet
56Kb / 4P
SILICON SWITCHING DIODES
1SS304 NEC-1SS304 Datasheet
55Kb / 4P
SILICON SWITCHING DIODES
logo
Infineon Technologies A...
BAW78 INFINEON-BAW78_07 Datasheet
69Kb / 6P
Silicon Switching Diodes
2007-04-20
logo
Central Semiconductor C...
CMPD7000 CENTRAL-CMPD7000_15 Datasheet
395Kb / 2P
SILICON SWITCHING DIODES
CMUD7000 CENTRAL-CMUD7000_15 Datasheet
414Kb / 2P
SILICON SWITCHING DIODES
logo
Renesas Technology Corp
1S2835 RENESAS-1S2835 Datasheet
428Kb / 6P
SILICON SWITCHING DIODES
2002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com