Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT15 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAT15
Description  Silicon Schottky Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT15 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAT15 Datasheet HTML 1Page - Infineon Technologies AG BAT15 Datasheet HTML 2Page - Infineon Technologies AG BAT15 Datasheet HTML 3Page - Infineon Technologies AG BAT15 Datasheet HTML 4Page - Infineon Technologies AG BAT15 Datasheet HTML 5Page - Infineon Technologies AG BAT15 Datasheet HTML 6Page - Infineon Technologies AG BAT15 Datasheet HTML 7Page - Infineon Technologies AG BAT15 Datasheet HTML 8Page - Infineon Technologies AG BAT15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Jan-30-2003
2
BAT15...
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
4
V
Forward current
IF
110
mA
Total power dissipation
BAT15-02L, TS  76 °C
BAT15-02V, TS  72 °C
BAT15-03W, TS  70 °C
BAT15-04W, TS  68 °C
BAT15-05W, TS  65 °C
BAT15-099, TS  48 °C
BAT15-099R, TS  67 °C
Ptot
100
100
100
100
100
100
100
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 150
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAT15-02L, BAT15-02V
BAT15-03W
BAT15-04W
BAT15-05W
BAT15-099
BAT15-099R
RthJS
 780
 795
 820
 850
 1020
 830
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com