Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMS0628D-R90N Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSMS0628D-R90N
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSMS0628D-R90N Datasheet(HTML) 1 Page - Frontier Electronics.

  CSMS0628D-R90N Datasheet HTML 1Page - Frontier Electronics. CSMS0628D-R90N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSMS0628D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
@100KHz
(μH)
Inductance
Tolerance
DCR
±30%
(Ω)
Rated Current (mA)
SRF Min.
(MHz)
I sat
I rms
CSMS0628D-R90N
0R9
0.9
± 30%
0.013
6700
4600
90
CSMS0628D-1R5N
1R5
1.5
± 30%
0.016
5100
4200
78
CSMS0628D-2R2N
2R2
2.2
± 30%
0.020
4200
3700
68
CSMS0628D-3R0N
3R0
3.0
± 30%
0.023
3600
3400
55
CSMS0628D-4R7M
4R7
4.7
± 20%
0.031
2700
3000
39
CSMS0628D-6R0M
6R0
6.0
± 20%
0.040
2500
2500
30
CSMS0628D-100M
100
10
± 20%
0.065
1900
1900
20
CSMS0628D-150M
150
15
± 20%
0.095
1600
1800
17
CSMS0628D-220M
220
22
± 20%
0.135
1300
1400
12
CSMS0628D-330M
330
33
± 20%
0.220
1100
1100
10
CSMS0628D-470M
470
47
± 20%
0.300
1000
920
8
CSMS0628D-680M
680
68
± 20%
0.420
800
770
5
CSMS0628D-101M
101
100
± 20%
0.600
650
660
3
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
k
m
n
CSMS0628D
6.0
(0.236)
6.0
(0.236)
2.8
(0.110)
1.35
(0.053)
2.3
(0.091)
4.0
(0.157)
4.8
(0.189)
0.3
(0.012)
1.6
(0.063)
5.2
(0.205)
5.7
(0.224)
4.7
(0.185)
Tol.
±0.2
(0.008)
±0.2
(0.008)
Max.
±0.2
(0.008)
Typ.
±0.2
(0.008)
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSMS0628D-xxx_, “CSMS0628D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, N: ± 30%
3. Magnetically shielded
4. High saturation current
5. Storage temperature: -40ºC to +85ºC.
6. Operating temperature range: -25ºC to +125ºC (Including self-heating).
7. Inductance measured using the HP4285A and Chroma1320 & 3302.
8. DCR measured using Chroma 16502.
9. SRF measured using the HP4291B.
10. Saturation Current Idc1: The value of current causes a 30% Inductance reduction from initial value. ( at : 20 ºC ambient)
11. Temperature rise current Idc2: The value of current causes a 40ºC temperature rise. ( at : 20 ºC ambient)
12. Rated Current: Either Idc1 or Idc2 whichever is smaller.
13. MSL: Level 1.
14. Inductance and Current range: From 0.9 µH (4600mA) to 100.0 µH (660mA).
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSMS0628D-R90N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0628D FRONTIER-CSMS0628D Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0628D100M FRONTIER-CSMS0628D100M Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0628D101M FRONTIER-CSMS0628D101M Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0628D150M FRONTIER-CSMS0628D150M Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0628D1R5N FRONTIER-CSMS0628D1R5N Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Similar Description - CSMS0628D-R90N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0528P-2R5L FRONTIER-CSS0528P-2R5L Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com