Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS4 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAS4
Description  Silicon Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS4 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAS4 Datasheet HTML 1Page - Infineon Technologies AG BAS4 Datasheet HTML 2Page - Infineon Technologies AG BAS4 Datasheet HTML 3Page - Infineon Technologies AG BAS4 Datasheet HTML 4Page - Infineon Technologies AG BAS4 Datasheet HTML 5Page - Infineon Technologies AG BAS4 Datasheet HTML 6Page - Infineon Technologies AG BAS4 Datasheet HTML 7Page - Infineon Technologies AG BAS4 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Jan-16-2004
4
BAS40.../BAS140W
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
0
EHB00040
BAS 40...
C
V
R
T
1
2
3
4
pF
5
10
20
V
30
Forward resistance rf = ƒ (IF)
f = 10 kHz
0.1
EHB00041
BAS 40...
r
Ι
f
1
10
mA
100
F
Ω
2
10
1
10
10
3
10
3
Reverse current IR = ƒ(VR)
TA = Parameter
0
EHB00039
BAS 40...
Ι
V
R
R
100
-2
10
1
10
2
10
3
10
A
10-1
10
20
30
V
40
TA = 150 C
85 C
25 C
µ
Forward current IF = ƒ (VF)
TA = Parameter
0.0
EHB00038
BAS 40...
Ι
V
F
F
0.5
1.0
V
1.5
TA = -40 ˚C
25 ˚C
85 ˚C
150 ˚C
-2
10
-1
10
mA
0
10
10
1
2
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com