Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH5772 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AH5772
Description  SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5772 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AH5772 Datasheet HTML 4Page - Diodes Incorporated AH5772 Datasheet HTML 5Page - Diodes Incorporated AH5772 Datasheet HTML 6Page - Diodes Incorporated AH5772 Datasheet HTML 7Page - Diodes Incorporated AH5772 Datasheet HTML 8Page - Diodes Incorporated AH5772 Datasheet HTML 9Page - Diodes Incorporated AH5772 Datasheet HTML 10Page - Diodes Incorporated AH5772 Datasheet HTML 11Page - Diodes Incorporated AH5772 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AH5772
Document number: DS35442 Rev. 1 - 2
11 of 12
www.diodes.com
September 2014
© Diodes Incorporated
AH5772
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
(1)
Package Type: TO94
0.94/1.14
0.63/0.84
0.27/0.48
PART
MARKING
SURFACE
1.87/2.07
Hall Sensor
1
2
3
4
Min/Max
Sensor Location
02(2x)
03(2x)
0(2x)
01(2x)
c
D
E
L
b
b2
L
e e1
A
A3
TO94
Dim
Min
Max
Typ
A
1.46
1.66
1.56
A3
-
-
0.76
b
0.35
0.56
0.39
b2
-
-
0.46
c
0.36
0.51
0.38
D
5.12
5.32
5.22
E
3.55
3.75
3.65
e
-
-
1.27
e1
-
-
3.81
L
13.50
15.50
14.50
L1
-
-
1.42
S
0.63
0.83
0.73
θ
-
-
6°
θ1
-
-
4°
θ2
-
-
11°
θ3
-
-
6°
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com