Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5809 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL5809
Description  60V Two Terminal Constant Current LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL5809 Datasheet HTML 5Page - Diodes Incorporated AL5809 Datasheet HTML 6Page - Diodes Incorporated AL5809 Datasheet HTML 7Page - Diodes Incorporated AL5809 Datasheet HTML 8Page - Diodes Incorporated AL5809 Datasheet HTML 9Page - Diodes Incorporated AL5809 Datasheet HTML 10Page - Diodes Incorporated AL5809 Datasheet HTML 11Page - Diodes Incorporated AL5809 Datasheet HTML 12Page - Diodes Incorporated AL5809 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AL5809
Document number: DS36625 Rev. 3 - 2
11 of 13
www.diodes.com
October 2014
© Diodes Incorporated
AL5809
Package Outline Dimensions (All dimensions in mm.) (cont.)
(2) SOD-123
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1) PowerDI-123 (Use PowerDI-123 B type Pad Layout)
(2) SOD-123
SOD123
Dim
Min
Max
A
0.55 Typ
B
1.40
1.70
C
3.55
3.85
H
2.55
2.85
J
0.00
0.10
K
1.00
1.35
L
0.25
0.40
M
0.10
0.15

0
8°
All Dimensions in mm
Dimensions
Value (in mm)
G
2.000
X
4.100
X1
1.050
Y1
1.500
Dimensions Value (in mm)
G
2.250
X
0.900
X1
4.050
Y
0.950
X
G
X1
Y1
K
L
M
C
H
B
A
Y
X
X1
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com