Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8812FDF-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL8812FDF-13
Description  BOOST - BUCK DC-DC CONVERTER FOR DIMMABLE MR16 LED LAMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8812FDF-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL8812FDF-13 Datasheet HTML 1Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 2Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 3Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 4Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 5Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 6Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 7Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 8Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AL8812
Document number: DS37099 Rev. 1 - 2
2 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AL8812
Pin Descriptions
Pin
Name
Pin
Number
(U-DFN6040-12)
Function
NC
1
No Connection
GATE
2
Gate connection of internal MOSFET.
INPUT
3
Feedback pin for inverting input of internal comparator
VCC
4
Supply voltage pin
SENSE
5
No Connection.
DRIVE
6
Current drive collector:
Normally connected to VCC directly or via a resistor.
SW/C
7
Internal switch transistor collector
SW/E
8
Internal switch transistor emitter
GND
9
Ground Connection
TIMING
10
Timing Capacitor to control the switching frequency.
SOURCE
11
Source connecton of internal MOSFET
DRAIN
12
Drain connection of internal MOSFET
Exposed PAD1
Exposed Pad of MOSFET Drain
Exposed PAD2
Exposed Pad of AL8812 and connect to PCB ground
Functional Diagram
1.25V
Reference
Regulator
Ipk
Oscillator
CT
R
S Q
Q2
Q1
100
Comparator
+
_
GND
TIMING
SW/E
SW/C
DRIVE
SENSE
VCC
INPUT
 
GATE
DRAIN
SOURCE
2
3
4
5
6
7
8
9
10
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com