Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1684 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1684
Description  AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1684 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1684 Datasheet HTML 5Page - Diodes Incorporated AP1684 Datasheet HTML 6Page - Diodes Incorporated AP1684 Datasheet HTML 7Page - Diodes Incorporated AP1684 Datasheet HTML 8Page - Diodes Incorporated AP1684 Datasheet HTML 9Page - Diodes Incorporated AP1684 Datasheet HTML 10Page - Diodes Incorporated AP1684 Datasheet HTML 11Page - Diodes Incorporated AP1684 Datasheet HTML 12Page - Diodes Incorporated AP1684 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP1684
Document number: DS36547 Rev. 3 - 2
9 of 13
www.diodes.com
February 2014
© Diodes Incorporated
AP1684
A Product Line of
Diodes Incorporated
Application Information (Cont.)
According to Figure 2, when the falling edge of 0.1V is sensed by the FB pin, the AP1684 will see the tOFF time is over and delay 1µs to start a
new operating cycle. In this way we can realize valley on function.
Fault Protection
Over Voltage Protection and Output Open Protection
VCC
FB
RFB1
RFB2
AP1684
Figure 3. OVP Circuit
The output voltage is sensed by the auxiliary winding voltage of the buck transformer, the VCC pin and FB pin provide over voltage protection
function. When the output is open or large transient happens, the output voltage will exceed the rated value. When the voltage of VCC cap exceeds
Vcc_ovp or VFB_CV, the over voltage is triggered and the IC will discharge VCC. When the VCC is below the UVLO threshold voltage, the IC will start
a new work cycle and the VCC cap is charged again by start resistance. If the over voltage condition still exists, the system will work in hiccup
mode.
Output Short Protection
When the output is shorted, the output voltage will be clamped at 0. At this condition, VCC will drop down without auxiliary winding for power supply.
And the VCC will drop to UVLO threshold voltage, the IC will shut down and restart a new operating cycle, and the VCC is charged by startup
resistance. When the VCC is higher than Vcc_start voltage, the IC will output a bunch of pulse to control BJT on and off, which will consume the
energy stored in the VCC cap, because of no VCC supply from the auxiliary winding, the VCC will drop down to VCC UVLO threshold voltage again. If
output short condition still exists, the system will operate in hiccup mode.
Over Temperature Protection
The AP1684 has two kinds of over temperature protection processes. First, the system is operating normally, the ambient temperature is changed
to +170°C suddenly, the IC will trigger over temperature protection which leads to a latch work mode. Second, if the system starts, the over
temperature protection will be triggered when the ambient temperature is higher than +150°C. So the AP1684 can startup successfully when the
ambient temperature is less than +150°C.
Recommended Applications
The AP1684 is design
ed to drive BJT as the power switch, because of the BJT’s current limit, the maximum output current is limited. In buck
structure, the output voltage has some limitation because of the dead zone. The device is designed for single voltage application, so the
recommended application is given in the table below.
AC Power Input
Output Voltage Range
Max Output Current
Low Mains Input
20V to 70V
200mA (13005)
High Mains Input
20V to 120V
200mA (13005)
Components Selection Guide
If the system’s output spec is changed, please refer to the design sheet of the AP1684 and select the compatible system parameter. When the
system needs to be adjusted slightly, please refer to the table below and adjust the value of the related component.
Item
Description
Related Components
IO
LED current
R8
Output Current Ripple
Small current ripple is good for LED life
C4
ton_initial
System initial on time, used to start up the system
R1
Output Open Voltage
Setting the output voltage when the LED is open
R5, R6
Line Compensation
To get a good line regulation
R7, R9
Startup Time
System startup time
R3, C3, T1
EMI
Pass EN 55022 class B with 6DB margin
L1, C1, C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com